データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M93C46-RDS3TP/W

  • AI
    ## Overview of M93C46-RDS3TP/W The **M93C46-RDS3TP/W** is a specific variant of the 1 Kbit low-voltage Serial Microwire EEPROM (Electrically Erasable Programmable Memory). It is commonly used for storing configuration data, user settings, or small amounts of non-volatile information in consumer and industrial electronics. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | Configurable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (Serial 3-Wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temp** | -40°C to +125°C (Automotive Grade 3) | | **Endurance** | 4 million Write cycles | | **Data Retention** | 200 years | --- ### 2. Functional Pin Description The device follows the standard 8-pin layout for Microwire EEPROMs: | Pin Name | Description | Function | | :--- | :--- | :--- | | **S (CS)** | Chip Select | Activates the device when high. | | **D (DI)** | Serial Data Input | Used to transfer op-codes and data. | | **Q (DO)** | Serial Data Output | Used to read data or check Ready/Busy status. | | **C (SK)** | Serial Clock | Synchronizes data movement. | | **ORG** | Organization Select | High = 16-bit mode; Low/GND = 8-bit mode. | | **VCC/VSS** | Power Supply | Positive supply and Ground. | | **WC** | Write Control | Hardware protection against unauthorized writes. | --- ### 3. Understanding the Part Number Suffixes The suffix **"RDS3TP/W"** provides critical information about the manufacturing and packaging: * **R**: Operating voltage range (1.8V to 5.5V). * **DS**: TSSOP8 package (3x4.4 mm body). * **3**: Device grade 3 (Temperature range of -40 to 125 °C). * **TP**: Tape and Reel packaging. * **W**: Indicates a high-endurance process (often related to the "W" series in STMicroelectronics parts which utilizes a specific manufacturing technology for better reliability). --- ### 4. Implementation Considerations * **Instruction Set**: The device operates on a set of 7 instructions: READ, WRITE, ERASE, EWEN (Erase/Write Enable), EWDS (Erase/Write Disable), ERAL (Erase All), and WRAL (Write All). * **Ready/Busy Status**: After a Write instruction, the `Q` (Data Out) pin acts as a status indicator. If `S` (Chip Select) is pulsed high, a "1" on the `Q` pin indicates the internal write cycle is complete. * **Power-On Protection**: To prevent data corruption during power-up, the device remains in "Write Disable" mode until a valid `EWEN` instruction is received. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 8-bit and 16-bit organization modes for this chip?
    • ⤷ How do I interface this Microwire EEPROM with a standard SPI microcontroller?
    • ⤷ What are the common causes of data corruption in M93C46 EEPROMs?