データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M93C46-RDS7

  • AI
    The **M93C46-RDS7** is a specific variant of the 1Kbit Serial Microwire EEPROM (Electrically Erasable Programmable Memory). It is widely used in applications requiring non-volatile storage for configuration data, calibration constants, or small lookup tables. --- ### 1. Key Technical Specifications The "RDS7" suffix denotes specific physical and performance characteristics, such as the package type and temperature range. | Parameter | Specification | |:--- |:--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (3-wire serial interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Data Retention** | > 40 Years | | **Write Cycles** | 1,000,000+ (Endurance) | | **Package** | TSSOP8 (Thin Shrink Small Outline Package) | --- ### 2. Pin Configuration (TSSOP8) The device typically uses an 8-pin layout. Understanding these pins is crucial for hardware integration: 1. **S (Chip Select):** Activates the device. 2. **C (Serial Clock):** Synchronizes the data transfer. 3. **D (Serial Data Input):** Receives instructions and data. 4. **Q (Serial Data Output):** Outputs data during read cycles. 5. **VCC:** Power supply. 6. **VSS:** Ground. 7. **ORG (Organization):** Sets the memory architecture (High for x16, Low/GND for x8). 8. **DU (Don't Use):** Usually left unconnected or grounded. --- ### 3. Decoding the Part Number STMicroelectronics uses a specific nomenclature for their EEPROM series: | Code Segment | Meaning | |:--- |:--- | | **M93** | Microwire Interface Family | | **C46** | 1 Kbit Density | | **-R** | Low Voltage (1.8V to 5.5V) | | **DS** | TSSOP8 Package (8-pin, 169 mil width) | | **7** | Device Grade 7 (-40°C to +105°C temperature range) | --- ### 4. Core Features * **Sequential Read:** Allows reading the entire memory contents by continuing to provide clock signals after the first address. * **Write Protection:** Includes instructions to enable or disable write operations to prevent accidental data loss. * **Ready/Busy Signal:** During a write cycle, the data output pin (Q) can be monitored to determine if the internal write cycle is complete. --- ### 5. Common Applications * **Consumer Electronics:** Storing user preferences in TVs or audio systems. * **Industrial:** Storing calibration data for sensors. * **Automotive:** Because of the "7" grade temperature rating, it is often found in modules requiring reliability under heat.
    ✨ Follow-up Questions
    • ⤷What is the difference between Microwire and SPI interfaces used in EEPROMs?
    • ⤷ How does the ORG pin change the memory addressing logic?
    • ⤷ Can the M93C46 be interfaced directly with a 3.3V microcontroller?