データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M93C74-RBN3

  • AI
    ## Overview of the M93C74-RBN3 The **M93C74-RBN3** is a specialized non-volatile memory chip. Specifically, it is a **8-Kbit Serial Microwire Bus EEPROM** (Electrically Erasable Programmable Read-Only Memory). It is commonly used in automotive, industrial, and consumer electronics to store small amounts of data that must be preserved even when power is lost. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 8 Kbits (8,192 bits) | | **Organization** | Configurable as 1024 x 8-bit or 512 x 16-bit | | **Interface** | Microwire (3-wire serial) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Operating Temp** | -40°C to +125°C (Automotive Grade 3) | --- ### Key Internal Components and Features 1. **Memory Array**: The core 8-Kb storage area where data is kept. It has high endurance (typically 1 million write cycles). 2. **Instruction Register**: Decodes incoming serial commands (READ, WRITE, ERASE, etc.). 3. **Address Decoder**: Directs the data flow to the specific memory location requested by the host microcontroller. 4. **Data Retention**: Designed to hold data for over 40 years without power. 5. **Write Protection**: Includes a status register and software-controlled write-disable modes to prevent accidental data corruption. --- ### Pin Configuration (PDIP8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Activate/Deactivate the device) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground (0V) | | 6 | **ORG** | Organization Select (x8 or x16 mode) | | 7 | **DU** | Don't Use (Must be connected to Vcc or Vss) | | 8 | **Vcc** | Supply Voltage | --- ### Application Example: Microcontroller Interfacing The device communicates with a microcontroller via three main lines (Clock, Data In, Data Out) plus a Chip Select. ```c // Example logic for a Microwire Write Enable command void M93C74_WriteEnable() { DigitalWrite(CS_PIN, HIGH); // Select the chip ShiftOut(WEN_OPCODE); // Send Write Enable opcode (100 11XXXXX) DigitalWrite(CS_PIN, LOW); // Deselect to finish instruction } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Microwire and SPI interfaces?
    • ⤷ How does the 'ORG' pin change the memory organization?
    • ⤷ What are the common failure modes for this type of EEPROM?