M93C76-RBN3T
AI

## Technical Overview: M93C76-RBN3T
The **M93C76-RBN3T** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for low-power applications requiring non-volatile data storage.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8192 bits) |
| **Organization** | Configurable: 1024 x 8-bit or 512 x 16-bit |
| **Interface** | Microwire (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Operating Temp** | -40°C to +125°C (Automotive Grade 3) |
| **Package** | TDFN8 (2x3 mm) or TSSOP8 |
---
### 2. Functional Electronic Components
The internal architecture of the M93C76-RBN3T consists of several critical stages that manage data flow and storage:
#### A. The Memory Array
This is the core of the chip, consisting of **8,192 floating-gate transistor cells**. These cells retain their charge (data) even when the power is removed. The array is organized into sectors that can be addressed either in bytes (x8) or words (x16) depending on the logic level of the `ORG` pin.
#### B. Control Logic & Instruction Decoder
This section interprets the serial bitstream sent from the microcontroller (MCU). It handles standard Microwire commands:
* **READ:** Reads data from the array.
* **WRITE:** Writes data to the array.
* **WEN/WDS:** Write Enable and Write Disable (safety latches).
* **ERASE:** Sets bits to '1'.
#### C. High Voltage Generator (Charge Pump)
EEPROMs require a higher voltage (typically 12V-15V) to tunnel electrons onto the floating gate for programming. Since the chip runs on as little as 1.8V, it contains an internal **Charge Pump** that boosts the input voltage to the necessary levels for the write cycle.
---
### 3. Pin Configuration and Interface
The M93C76 uses a synchronous serial protocol. Below is the typical pinout function:
| Pin Name | Description | Electronic Function |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when high. |
| **D** | Serial Data Input | Receives instructions and data bits. |
| **Q** | Serial Data Output | Sends data bits to the MCU. |
| **C** | Serial Clock | Synchronizes the data transfer. |
| **ORG** | Organization Select | High = x16 organization; Low/NC = x8 organization. |
| **VCC/VSS** | Power Supply | Input voltage and Ground reference. |
---
### 4. Part Number Breakdown (Suffix Meaning)
Understanding the suffix **-RBN3T** is crucial for identifying the physical and environmental characteristics:
* **R:** Operating voltage range (1.8V to 5.5V).
* **BN:** Package code (usually indicates a specific plastic dual-in-line or thin shrink small outline).
* **3:** Device tested for Automotive Grade (-40°C to +125°C).
* **T:** Tape and Reel packaging (for automated assembly).
- ⤷
What is the main difference between Microwire and I2C/SPI protocols for EEPROMs?
- ⤷ Can you explain how the ORG pin affects the memory addressing?
- ⤷ What are the power consumption levels for this chip during standby versus active modes?