データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M93C86-R

  • AI
    ## Overview of the M93C86-R The **M93C86-R** is a specific variant of the 16-Kbit serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is widely used in automotive and industrial applications for storing small amounts of data that must be preserved even when the power is turned off. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbits (2,048 bytes) | | **Interface** | MICROWIRE (Serial 3-Wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Organization** | User-selectable: 2048 x 8-bit or 1024 x 16-bit | | **Write Cycles** | More than 1 million cycles | | **Data Retention** | > 40 Years | | **Temperature Range** | -40°C to +85°C (Standard Industrial) | --- ### 2. Pin Configuration and Functions The M93C86-R typically comes in small packages like **SO8** or **TSSOP8**. The pinout is critical for interfacing with a microcontroller (MCU). | Pin Name | Description | Function | | :--- | :--- | :--- | | **S (Chip Select)** | Input | Activates the device when set HIGH. | | **D (Data Input)** | Input | Used to transfer data/opcodes into the device. | | **Q (Data Output)** | Output | Used to read data out of the device. | | **C (Serial Clock)** | Input | Synchronizes the data transfer. | | **ORG (Organization)** | Input | Logic HIGH: x16 mode; Logic LOW: x8 mode. | | **Vcc / Vss** | Power | Vcc = Positive Supply; Vss = Ground. | --- ### 3. Core Features #### A. The "R" Suffix The **-R** in the part number signifies the **Low Voltage** range. This device is optimized to operate reliably down to **1.8V**, making it suitable for battery-powered or low-energy electronic systems. #### B. Sequential Read Unlike some older EEPROMs, the M93C86 supports sequential reading. After the first address is provided, the MCU can continue to clock the device, and it will automatically increment the address to provide the next block of data. #### C. Write Protection The device includes a **Write Disable (WDS)** instruction that prevents accidental data overwrites due to power spikes or noise on the bus. A **Write Enable (WEN)** command must be sent before any data can be modified. --- ### 4. Typical Application Circuit When integrating this part, follow these standard practices: ```c // Simplified logic for a Write Enable sequence: 1. Set CS (Chip Select) HIGH. 2. Send Instruction: 100 11XXXXXXX (WEN Opcode). 3. Set CS LOW to initiate the internal cycle. 4. Wait for internal Write Cycle time (tW, typically 5ms). ``` * **Pull-up Resistors:** Ensure the Chip Select (S) line has a pull-down resistor to prevent the chip from activating during power-up. * **Decoupling:** Place a **0.1µF ceramic capacitor** as close to the Vcc and Vss pins as possible to filter high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M93C86 and the 24C series I2C EEPROMs?
    • ⤷ How does the ORG pin hardware configuration affect the memory addressing?
    • ⤷ Can the M93C86-R be used in automotive applications requiring AEC-Q100 qualification?