データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M95320-R

  • AI
    ### Overview of M95320-R The **M95320-R** is a 32-Kbit (4096 x 8 bits) serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is designed for low-voltage applications and communicates via the **SPI (Serial Peripheral Interface)** bus. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbits (4,096 bytes) | | **Interface** | SPI (Mode 0 and Mode 3) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 20 MHz (depending on voltage) | | **Page Size** | 32 Bytes | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | | **Operating Temp** | -40°C to +85°C | --- ### Pin Configuration and Functions The device is typically available in SO8, TSSOP8, or UFDFPN8 packages. The pinout follows standard SPI EEPROM conventions: 1. **S (Chip Select):** When low, the device is selected. When high, it is in standby mode. 2. **D (Serial Data Input):** Used to transfer data/opcodes into the device. 3. **Q (Serial Data Output):** Used to read data out of the device. 4. **C (Serial Clock):** Provides the timing for data transfer. 5. **W (Write Protect):** Hardware protection to prevent unauthorized writes to the status register. 6. **HOLD (Hold):** Used to pause serial communication without deselecting the device. 7. **Vcc / Vss:** Power supply and Ground. --- ### Electronic Characteristics & Protections #### 1. Software & Hardware Data Protection * **Write Enable Latch (WEL):** A specific instruction must be sent before any Write command to prevent accidental data modification. * **Block Protection:** The Status Register allows the user to protect a specific portion of the memory (1/4, 1/2, or the whole array) as read-only. #### 2. Power Management * **Low Power Consumption:** The "-R" suffix indicates a device optimized for a wide supply voltage range (1.8V - 5.5V), making it ideal for battery-powered electronics. * **Standby Mode:** Automatically enters a low-current standby mode when the Chip Select (S) pin is driven high. #### 3. High-Speed Performance The M95320-R supports high clock frequencies (up to 20MHz at 4.5V-5.5V), which allows for fast data retrieval compared to I2C-based EEPROMs. --- ### Typical Application Circuit To integrate this part, a designer typically uses the following setup: * **Pull-up Resistor:** On the `S` (Chip Select) line to ensure the device is disabled during MCU power-up. * **Bypass Capacitor:** A 100nF ceramic capacitor between `Vcc` and `Vss` to filter power supply noise. * **SPI Bus:** Connected to an MCU's SPI peripheral (MOSI to D, MISO to Q, SCK to C).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M95320-R and an I2C equivalent like the M24C32?
    • ⤷ How does the 'Hold' function affect the SPI bus communication?
    • ⤷ What is the maximum write time for a single 32-byte page?