データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA11TBA-R

  • AI
    The **MA11TBA-R** is an electronic component, specifically a **high-precision, ultra-stable Bulk Metal® Foil resistor** manufactured by **Vishay Precision Group (VPG)**. It is part of the "Bulk Metal Foil" technology line, known for being the most stable type of resistor available for critical circuitry. --- ## 1. Technical Specifications The "MA" series generally refers to high-precision molded resistors. Below are the typical specifications associated with this part: | Parameter | Value / Characteristic | | :--- | :--- | | **Technology** | Bulk Metal® Foil (Z-Foil technology) | | **Tolerance** | Highly Precise (often ±0.01% to ±0.1%) | | **Temperature Coefficient (TCR)** | ±2 ppm/°C (typical) | | **Stability** | Excellent Load Life Stability (ΔR < 0.005%) | | **Mounting Type** | Through-Hole | | **Termination** | Lead (Pb)-free / RoHS Compliant | --- ## 2. Key Electronic Features The MA11TBA-R is designed for applications where even a tiny shift in resistance could cause system failure or measurement errors. ### A. Low Temperature Coefficient (TCR) Standard resistors change resistance significantly as they heat up. The MA11TBA-R utilizes a specialized foil that expands and contracts in a way that self-cancels resistance changes, maintaining a flat curve across a wide temperature range. ### B. Non-Inductive/Non-Capacitive Design Unlike wirewound resistors, the foil pattern in the MA11TBA-R is etched to minimize inductance. This makes it ideal for: * High-speed switching. * Signal processing where phase shift must be avoided. ### C. Thermal Stabilization The part reaches thermal equilibrium almost instantly. This prevents "thermal drift," which is common in thin-film or thick-film resistors when power is first applied. --- ## 3. Typical Applications Because of its high cost and extreme precision, this part is used in specialized fields: * **Medical Instrumentation:** Precision imaging and diagnostic equipment. * **Aerospace & Defense:** Guidance systems and satellite communications. * **Laboratory Equipment:** High-end weighing scales and calibration standards. * **Audio Equipment:** High-fidelity pre-amplifiers to reduce noise and distortion. --- ## 4. Part Number Breakdown (Typical) While Vishay part numbers can be complex, the "R" suffix typically indicates **RoHS Compliance** (Lead-Free), and "TBA" often refers to **To Be Assigned** (custom resistance value) or a specific **Packaging/Tape** designation depending on the specific series datasheet.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value of the MA11TBA-R unit I have?
    • ⤷ How does Bulk Metal Foil technology compare to Thin Film resistors?
    • ⤷ Is the MA11TBA-R suitable for high-frequency RF applications?