データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA12TAD-R

  • AI
    The **MA12TAD-R** is a high-performance, high-reliability component commonly used in precision frequency control applications. It belongs to a family of **Temperature Compensated Crystal Oscillators (TCXO)**, often characterized by its high stability and miniature surface-mount design. --- ## 1. Core Technical Specifications The MA12TAD-R is designed to provide a stable clock signal across varying environmental conditions. Below are its primary technical attributes: | Feature | Description | | :--- | :--- | | **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) | | **Frequency Range** | Typically available between 10 MHz to 52 MHz | | **Supply Voltage** | Usually 1.8V to 3.3V (varies by sub-model) | | **Stability** | ±0.5 ppm to ±2.5 ppm (over temperature) | | **Package Type** | SMD (Surface Mount Device) | | **Output Type** | Clipped Sine Wave or CMOS | --- ## 2. Key Internal Components To achieve its high level of precision, the MA12TAD-R consists of several integrated electronic parts: ### A. Quartz Crystal Blank The heart of the unit. It is a precision-cut piece of quartz that vibrates at a specific frequency when an electrical current is applied. ### B. Compensation IC Standard oscillators drift as temperature changes. The MA12TAD-R includes a specialized integrated circuit (IC) that senses the ambient temperature and adjusts the voltage applied to the crystal to cancel out frequency drift. ### C. Varactor Diode An internal electronic component that acts as a variable capacitor. The compensation IC uses this diode to "pull" the frequency slightly to keep it exactly on target despite thermal changes. --- ## 3. Applications Due to its high stability and small footprint, the MA12TAD-R is frequently found in: * **GPS/GNSS Modules:** Required for fast signal acquisition. * **Wireless Communication:** LTE, 5G, and Wi-Fi infrastructure where timing accuracy is critical. * **IoT Devices:** Battery-operated sensors that require low power consumption and high reliability. * **Portable Electronics:** Smartphones and tablets. --- ## 4. Operational Advantages 1. **Low Phase Noise:** Vital for clear signal transmission and reducing bit-error rates in data communication. 2. **Compact Size:** The "R" in the suffix often denotes a specific tape-and-reel packaging for automated pick-and-place assembly. 3. **Low Power Consumption:** Optimized for mobile and remote hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO like the MA12TAD-R and a standard XO?
    • ⤷ How does 'Phase Noise' affect the performance of this oscillator in 5G applications?
    • ⤷ What are the specific soldering requirements for the MA12TAD-R SMD package?