データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA13FAA-R

  • AI
    The **MA13FAA-R** is a specific part number belonging to a high-precision magnetic encoder system, typically manufactured by **Renishaw**. It is part of the **RESOLUTE™** absolute optical/magnetic encoder series, often used in motion control and industrial automation. --- ### 1. Component Overview The MA13FAA-R is a **readhead** used to interpret position data from a compatible scale (usually a magnetic tape or ring). Unlike incremental encoders, this is an **absolute encoder**, meaning it knows its exact position immediately upon power-up without needing a reference return. ### 2. Technical Specifications The part number "MA13FAA-R" follows a specific nomenclature. Below is a breakdown of its primary electronic and mechanical characteristics: | Feature | Specification / Description | | :--- | :--- | | **Encoder Type** | Absolute Magnetic Encoder | | **Series** | RESOLUTE™ | | **Interface** | BiSS-C (High-speed unidirectional) | | **Resolution** | Typically 1 nm to 50 nm (depending on configuration) | | **Protocol** | Serial Communication | | **Supply Voltage** | 5V DC ± 10% | | **Current Consumption** | Max 250 mA (terminated) | | **Accuracy** | ±40 nm (Sub-Divisional Error) | --- ### 3. Key Electronic Features #### A. Communication Interface The "FAA" designation typically points to the **BiSS-C** (Bidirectional/Serial/Synchronous) protocol. This is a point-to-point interface designed for industrial sensors. - It allows for high-speed data transfer. - It provides hardware CRC (Cyclic Redundancy Check) to ensure data integrity in noisy electrical environments. #### B. Internal Signal Processing The readhead contains sophisticated internal electronics that perform: * **Automatic Gain Control (AGC):** Adjusts signal strength to compensate for variations in ride height or magnetic field strength. * **Sub-Divisional Error (SDE) Correction:** Minimizes errors within a single signal period to ensure smooth velocity control. #### C. Connector Pinout (Typical) Most MA series readheads use a standard D-sub or circular connector. The electronic wiring generally includes: ```text Pin 1: 5V Power Pin 2: 0V (Ground) Pin 3: Data + Pin 4: Data - Pin 5: Clock + Pin 6: Clock - Pin 7: Inner Shield ``` --- ### 4. Applications Because of its high resolution and absolute positioning, the MA13FAA-R is found in: 1. **Semiconductor Manufacturing:** Wafer handling and inspection. 2. **Robotics:** High-precision joints where "homing" is not possible or desired. 3. **Medical Imaging:** Precise movement of scanners or tables. 4. **Cnc Machines:** Linear or rotary axes requiring high-speed feedback. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between BiSS-C and SSI protocols for this readhead?
    • ⤷ How do I mount the MA13FAA-R to ensure optimal signal strength?
    • ⤷ What are the compatible magnetic scales for the RESOLUTE series?