データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA13TBA-R

  • AI
    The **MA13TBA-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Switching Diode**. It is widely used in high-speed switching circuits, signal processing, and protection circuits due to its compact form factor and fast response times. --- ### 1. Key Technical Specifications The following table highlights the typical electrical characteristics of the MA13TBA-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Switching Diode | Designed for high-speed logic and signal switching. | | **Configuration** | Single | A single diode junction within the package. | | **Reverse Voltage ($V_R$)** | 80V | Maximum voltage the diode can withstand in reverse. | | **Forward Current ($I_F$)** | 100mA | Maximum continuous current in the forward direction. | | **Reverse Recovery Time ($t_{rr}$)** | 4ns | Time taken to stop conducting after being switched off. | | **Package Type** | SSMini3 / SOT-416 | Ultra-small surface mount package. | | **Mounting Style** | SMD/SMT | Surface Mount Technology. | --- ### 2. Physical and Material Properties - **Encapsulation:** Molded plastic case. - **Lead Finish:** Usually Tin (Sn) or Lead-free plating (compliant with RoHS standards). - **Size:** The SSMini3 package is extremely small, making it ideal for high-density circuit boards in mobile devices or wearables. --- ### 3. Functional Applications The MA13TBA-R is commonly found in the following electronic environments: 1. **High-Speed Switching:** Used in digital logic gates where fast transitions between "On" and "Off" states are required. 2. **Clamping/Clipping:** Protects sensitive IC inputs by limiting the voltage swings of a signal. 3. **Signal Detection:** Used in RF (Radio Frequency) circuits for demodulation or envelope detection. 4. **Reverse Polarity Protection:** Prevents damage to small-scale low-power circuits if the power supply is connected incorrectly. --- ### 4. Circuit Symbol and Orientation In a schematic, it follows the standard diode symbol. When soldering, the **Cathode** is typically marked with a bar or a specific notch on the package body to ensure correct polarity. ```mermaid graph LR A[Anode] -->|Current Flow| B(Cathode / Bar Mark) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives to the MA13TBA-R if it is out of stock?
    • ⤷ How does the 4ns recovery time impact high-frequency performance?
    • ⤷ What is the power dissipation rating for the SSMini3 package?