データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA13TBD-R

  • AI
    The **MA13TBD-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Inductor**, often used in power management and filtering applications. --- ### 1. Technical Specifications The table below summarizes the core electrical and physical characteristics of the MA13TBD-R series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor | | **Inductance Range** | Varies by sub-model (Commonly 1.0µH to 47µH) | | **Current Rating** | High Current (DC Saturation depends on specific value) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Packaging** | Tape and Reel (-R suffix) | | **Shielding** | Typically Magnetically Shielded | --- ### 2. Key Features * **Magnetic Shielding:** Designed to minimize Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. * **Low DC Resistance (DCR):** Engineered to reduce power loss and heat generation during operation. * **High Saturation Current:** Maintains inductance stability even when high current levels pass through the coil. * **Compact Footprint:** The "MA13" designation usually refers to the physical dimensions (e.g., 13mm class), providing a balance between power handling and board space. --- ### 3. Application Areas These parts are commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. 2. **Power Supplies:** Integrated into Switch Mode Power Supplies (SMPS) for voltage stabilization. 3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power lines for CPUs or GPUs. 4. **Consumer Electronics:** Found in laptops, servers, and high-end audio equipment. --- ### 4. Part Number Breakdown While naming conventions vary by manufacturer, the code generally follows this logic: | Segment | Meaning | | :--- | :--- | | **MA13** | Series identifier and physical size (approx. 13x13mm). | | **TBD** | Internal design code or inductance value indicator. | | **-R** | Indicates "Tape and Reel" packaging for automated assembly. | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the MA13TBD-R?
    • ⤷ Which manufacturers produce the MA13 series inductors?
    • ⤷ What are the recommended soldering profiles for this SMT component?