データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA13TCX-R

  • AI
    The **MA13TCX-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Switching Diode**. It is widely used in high-density circuit designs due to its miniature footprint and high-speed switching capabilities. --- ## 1. Component Specifications Below are the primary technical characteristics of the MA13TCX-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Switching Diode (Silicon Epitaxial Planar) | | **Package Type** | SC-70 / SOT-323 (Ultra-miniature) | | **Configuration** | Single Diode | | **Max Reverse Voltage ($V_R$)** | 80V | | **Forward Current ($I_F$)** | 100mA | | **Reverse Recovery Time ($t_{rr}$)** | ~4.0 ns (Typical) | | **Power Dissipation ($P_D$)** | 150mW | --- ## 2. Key Features The MA13TCX-R is designed for efficiency and speed. Its main features include: * **High-Speed Switching:** The extremely low reverse recovery time ($t_{rr}$) makes it ideal for high-frequency signal processing. * **Small Form Factor:** The SC-70 package is significantly smaller than the standard SOT-23, saving PCB real estate. * **Low Capacitance:** Minimizes signal distortion in high-speed data lines. * **Reliability:** Built using epitaxial planar technology for consistent electrical performance. --- ## 3. Applications This part is commonly found in the following electronic sectors: 1. **Mobile Devices:** Used in smartphones and tablets for signal clamping and logic steering. 2. **High-Speed Logic:** Ideal for digital circuits requiring fast state transitions. 3. **General Purpose Switching:** Used in various consumer electronics for small signal rectification. 4. **Protection Circuits:** Provides basic reverse polarity protection for low-current sensors. --- ## 4. Typical Internal Circuit The component follows a standard diode symbol logic: ```text (Anode) 1 >|--- 3 (Cathode) ``` *(Note: Pin configurations may vary slightly by manufacturer; always verify with the specific datasheet for Pin 2, which is often NC or connected depending on the sub-variant).*
    ✨ Follow-up Questions
    • ⤷What is the equivalent replacement for MA13TCX-R in a SOT-23 package?
    • ⤷ How does the reverse recovery time affect high-frequency performance?
    • ⤷ What are the soldering temperature requirements for the SC-70 package?