データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA14FBA-R

  • AI
    The **MA14FBA-R** is a specific electronic component, typically classified as a **Fast Recovery Diode** (or a Silicon Rectifier). It is commonly utilized in power management circuits where high-speed switching and reliability are required. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical parameters for the MA14FBA-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 400 - 600 | Volts | | **Average Forward Current** | $I_{F(AV)}$ | 1.0 | Amperes | | **Reverse Recovery Time** | $t_{rr}$ | < 100 | Nanoseconds (ns) | | **Forward Voltage Drop** | $V_{F}$ | ~1.1 - 1.3 | Volts | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Functional Characteristics * **Fast Recovery:** Unlike standard rectifiers, this part is designed to transition from a conducting state to a blocking state very quickly. This reduces energy loss (switching loss) during high-frequency operation. * **High Reliability:** Usually constructed using glass-passivated pellet technology to ensure stability across varying temperatures. * **Package Type:** Often found in the **SOD-123** or **SMA/DO-214AC** surface-mount packages, making it suitable for compact PCB designs. --- ### 3. Common Applications Due to its high-speed switching capabilities, the MA14FBA-R is integrated into: 1. **Switching Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a freewheeling diode to protect transistors from voltage spikes. 3. **Inverters:** Facilitates high-frequency signal processing. 4. **Battery Chargers:** Prevents reverse current flow while maintaining efficiency. --- ### 4. Equivalent / Alternative Parts If the MA14FBA-R is unavailable, the following industry-standard alternatives are often used (ensure you check the specific footprint): * **RS1G / RS1J:** Standard fast recovery series. * **US1M:** Ultra-fast recovery rectifier. * **MUR160:** High-speed leaded equivalent.
    ✨ Follow-up Questions
    • ⤷ What is the exact package dimensions for the MA14FBA-R?
    • ⤷ How does the reverse recovery time affect the efficiency of a power supply?
    • ⤷ Can this diode be used in high-voltage AC to DC rectification?