データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA15FAA-R

  • AI
    The **MA15FAA-R** is a specific part number belonging to the **MA15 series** of surge protection devices (SPDs) manufactured by **Eaton (MTL Instruments)**. It is primarily used in industrial environments to protect sensitive electronic equipment from voltage transients and surges. --- ### 1. Key Technical Specifications The "FAA" designation typically refers to specific compliance or configuration standards (often related to AC power protection). | Feature | Specification | | :--- | :--- | | **Series** | MTL MA15 | | **Nominal Voltage** | 120V - 240V AC (Auto-ranging) | | **Max Surge Current** | 18kA (per phase) | | **Max Leakage Current** | < 0.3mA | | **Response Time** | < 1 nanosecond | | **Mounting Type** | DIN Rail Mounting | | **Safety Certification** | UL 1449 / IEC 61643-11 | --- ### 2. Functional Electronic Components The device utilizes a hybrid circuit design to ensure both high-speed response and high energy handling. * **Metal Oxide Varistors (MOVs):** These are the primary clamping components. When a voltage spike occurs, the resistance of the MOV drops sharply, shunting the excess current to the ground. * **Gas Discharge Tubes (GDTs):** Used for higher energy diversion and providing galvanic isolation until a specific breakdown voltage is reached. * **RFI/EMI Filtering:** Unlike basic surge strips, the MA15 series includes a specialized filter stage (Capacitors and Inductors) to remove high-frequency noise and electromagnetic interference from the power line. * **Thermal Fusing:** Internal thermal links protect the device from "thermal runaway" if the MOV is damaged or subjected to a continuous overvoltage. --- ### 3. Application Areas The MA15FAA-R is designed for "Point of Use" protection, meaning it is installed close to the critical load rather than at the main service entrance. 1. **PLC Protection:** Protecting Programmable Logic Controllers in factory automation. 2. **SCADA Systems:** Safeguarding remote telemetry and monitoring units. 3. **Critical Instrumentation:** Ensuring precision sensors and transmitters are not damaged by motor-induced surges. 4. **Microprocessor-based Equipment:** Protecting sensitive IT hardware in industrial cabinets. --- ### 4. Status Indication The device features a visual LED indicator on the front panel: * **Green LED:** Indicates that power is present and the protection circuitry is fully operational. * **LED Off:** Indicates that the protection has been exhausted (sacrificed) due to a major surge or there is a loss of power.
    ✨ Follow-up Questions
    • ⤷What is the difference between the MA15 and MA30 series?
    • ⤷ How do I wire the MA15FAA-R for a single-phase system?
    • ⤷ What does the '-R' suffix specifically signify in this part number?