データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA15FCD-R

  • AI
    The **MA15FCD-R** is a specialized electronic component, typically categorized as a **High-Speed Switching Diode Array**. It is designed for high-frequency signal processing and circuit protection where space-saving and low capacitance are critical requirements. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MA15FCD-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage** | $V_R$ | 80 | V | | **Peak Reverse Voltage** | $V_{RM}$ | 80 | V | | **Forward Current** | $I_F$ | 100 | mA | | **Peak Forward Current** | $I_{FM}$ | 225 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 3.0 | ns | | **Terminal Capacitance** | $C_t$ | 2.0 | pF | | **Package Type** | - | SMini3-G1 (SOT-23 compatible) | - | --- ### 2. Physical Structure and Configuration The MA15FCD-R features a **Common Cathode** configuration. This means it contains two diodes inside a single 3-pin package, where the cathodes of both diodes are tied to a single output pin. * **Pin 1:** Anode 1 * **Pin 2:** Anode 2 * **Pin 3:** Common Cathode --- ### 3. Core Features * **High-Speed Switching:** With a recovery time ($t_{rr}$) of only 3 nanoseconds, it is capable of handling very fast data transitions without signal distortion. * **Low Capacitance:** The low terminal capacitance ensures that the diode does not significantly load the high-frequency circuit, making it ideal for RF (Radio Frequency) and high-speed logic. * **Surface Mount Design:** The SMini3 package allows for automated assembly and high-density PCB layouts. --- ### 4. Typical Applications 1. **High-Speed Logic Circuits:** Used for steering signals and preventing backflow in digital logic. 2. **ESD Protection:** Acting as a clamp to protect sensitive IC inputs from voltage spikes. 3. **Signal Clipping/Clamping:** Restricting signal excursions to specific voltage levels in communication equipment. 4. **Reverse Polarity Protection:** Protecting small low-power circuits from incorrect battery insertion. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the Common Cathode and Common Anode versions of this diode?
    • ⤷ How does the reverse recovery time impact its performance in high-frequency applications?
    • ⤷ Can you provide a circuit diagram example for using this diode as a voltage clamp?