データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA15TAD-R

  • AI
    The **MA15TAD-R** is a specialized high-speed switching diode array manufactured by **Panasonic**. It is primarily designed for high-frequency applications, signal switching, and protection circuits within compact electronic devices. --- ### 1. General Specifications The following table highlights the core electrical characteristics and absolute maximum ratings for the device. | Parameter | Symbol | Value / Rating | | :--- | :--- | :--- | | **Reverse Voltage (DC)** | $V_R$ | 80 V | | **Peak Reverse Voltage** | $V_{RM}$ | 80 V | | **Forward Current (DC)** | $I_F$ | 100 mA | | **Peak Forward Current** | $I_{FM}$ | 225 mA | | **Reverse Recovery Time** | $t_{rr}$ | 3 ns (Typical) | | **Terminal Capacitance** | $C_t$ | 1.2 pF (Typical) | | **Package Type** | S-Mini | 3-Pin (SMD) | --- ### 2. Internal Configuration The "TAD" designation typically refers to the internal arrangement of the diodes. In the case of the MA15TAD-R: * **Configuration:** It contains **two diodes** connected in a **Common Anode** configuration. * **Pinout:** 1. Cathode 1 2. Cathode 2 3. Anode (Common) --- ### 3. Key Technical Features * **High-Speed Switching:** With a reverse recovery time ($t_{rr}$) of approximately 3 nanoseconds, it is capable of switching at extremely high frequencies without significant signal loss. * **Low Capacitance:** The low terminal capacitance ensures minimal impact on the signal integrity of high-frequency data lines. * **Small Footprint:** The S-Mini package is designed for high-density surface mount technology (SMT), saving PCB real estate. --- ### 4. Common Applications The MA15TAD-R is frequently utilized in the following scenarios: 1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage by clamping signals to the power rails. 2. **Logic Gates:** Implementing simple OR/AND logic functions in discrete circuitry. 3. **High-Speed Rectification:** Small-scale AC to DC conversion in high-frequency modulation circuits. 4. **Mobile Electronics:** Used in smartphones and portable devices due to its miniature size. --- ### 5. Part Number Breakdown (Naming Convention) | Prefix/Suffix | Meaning | | :--- | :--- | | **MA** | Panasonic Silicon Diode series | | **15** | Series identifier for switching diodes | | **TAD** | Internal configuration (Common Anode) | | **-R** | Packaging info (usually refers to Tape & Reel orientation) |
    ✨ Follow-up Questions
    • ⤷What is the difference between Common Anode and Common Cathode diode arrays?
    • ⤷ Can the MA15TAD-R be used for power rectification?
    • ⤷ What are the equivalent alternatives to the MA15TAD-R?