データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA18TBA-R

  • AI
    The **MA18TBA-R** is an electronic component primarily classified as a **Buzzer or Piezoelectric Audio Indicator**. It is frequently used in consumer electronics, automotive warnings, and industrial equipment to provide audible feedback. --- ### 1. Technical Specifications Below are the typical electrical and physical characteristics of the MA18TBA-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Piezo Buzzer (Transducer) | | **Operating Voltage** | 1.0V to 30V p-p (Typical range) | | **Rated Frequency** | ~2.5 kHz to 4.0 kHz | | **Sound Pressure Level (SPL)** | 80dB - 90dB @ 10cm | | **Capacitance** | ~15,000 pF | | **Mounting Type** | Through-hole (Pins) | | **Operating Temp** | -20°C to +70°C | --- ### 2. Key Features and Construction The device is built using **Piezoelectric technology**, which differs significantly from electromagnetic speakers. * **Piezo Ceramic Element:** It contains a ceramic disc that expands and contracts when an electric field is applied, creating sound waves. * **External Drive:** The "-R" variant is often a **transducer**, meaning it does not have a built-in oscillation circuit. You must provide a square wave (frequency) from a microcontroller or a 555 timer to produce sound. * **Low Power Consumption:** Because it is voltage-driven rather than current-driven, it consumes very little power compared to magnetic buzzers. * **Durability:** No moving mechanical contacts, leading to a long operational lifespan. --- ### 3. Basic Circuit Integration Since this is a transducer, it requires an AC signal or a toggled DC signal to function. A common way to interface this with a microcontroller (like an Arduino) is shown below: ```cpp // Example code to drive the MA18TBA-R int buzzerPin = 9; // Connected to the Piezo void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send a 2.7kHz square wave delay(500); // Wait for 500ms noTone(buzzerPin); // Stop sound delay(1000); // Wait for 1s } ``` --- ### 4. Comparison: Transducer vs. Indicator It is important to distinguish the MA18TBA-R from "Indicators": 1. **MA18TBA-R (Transducer):** Requires an external frequency signal. You can change the pitch/tone by changing the software frequency. 2. **Internal Indicator:** Only requires a steady DC voltage to make a single, fixed-pitch beep.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a piezo transducer and a magnetic buzzer?
    • ⤷ How can I increase the volume of the MA18TBA-R using a transistor circuit?
    • ⤷ Can this component be used as a sensor to detect vibrations?