データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA18TBD-R

  • AI
    ## Overview of the MA18TBD-R The **MA18TBD-R** is a specialized electronic component, typically categorized as a **Magnetic Sensor** or **Proximity Switch**, often used in industrial automation for non-contact detection. It belongs to the magneto-resistive or reed-based sensing families, designed for robustness and high reliability. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic Proximity Sensor | | **Contact Form** | Normally Open (NO) | | **Housing Material** | Nickel-Plated Brass / Stainless Steel | | **Connection Type** | Cable / Lead Wire (usually 2-wire) | | **Operating Voltage** | Typically 0-120V AC/DC | | **Switching Current** | Up to 500mA (load dependent) | | **Operating Temp** | -20°C to +85°C | --- ### Key Electronic Components & Features #### 1. Sensing Element The core of the device is a **Reed Switch** or a **Hall Effect sensor** (depending on the specific sub-series). * **Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass tube. They close when a magnetic field is present. * **Function:** It allows for non-contact switching, meaning there is no physical wear between the sensor and the target magnet. #### 2. Protection Circuitry To ensure longevity in industrial environments, the "R" suffix often indicates specific internal protections or RoHS compliance. * **MOV/Varistor:** Protects against voltage spikes. * **Reverse Polarity Protection:** Prevents damage if the wires are connected incorrectly (in DC models). #### 3. Housing and Termination * **Threaded Barrel:** The "MA18" indicates an **M18** metric thread size, allowing for easy mounting into pre-drilled holes. * **LED Indicator:** Most modern versions include a small LED at the back of the housing to indicate the switching state (ON/OFF). --- ### Application Scenarios 1. **Cylinder Position:** Detecting the position of a piston inside a pneumatic or hydraulic cylinder (equipped with a magnetic ring). 2. **Door/Gate Interlocks:** Monitoring whether a safety guard is closed. 3. **Rotation Counting:** Used in conjunction with a magnet on a rotating shaft to measure RPM. --- ### Wiring Diagram (Typical) ```text [ Power Source + ] ---------- [ Load ] ---------- [ Brown Wire ] (Sensor) [ Power Source - ] ------------------------------ [ Blue Wire ] ``` *Note: Always verify the specific wire colors against the datasheet, as some configurations may vary.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the MA18TBD-R?
    • ⤷ How does this sensor compare to an inductive proximity sensor?
    • ⤷ Are there specific mounting torque requirements for the M18 housing?