データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA21FAX-R

  • AI
    The **MA21FAX-R** is a specific surface-mount electronic component, primarily recognized as a **Schottky Barrier Diode** manufactured by **Panasonic**. It is designed for high-frequency rectification and switching applications where low forward voltage and high speed are critical. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the MA21FAX-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Diode | Metal-semiconductor junction | | **Reverse Voltage ($V_R$)** | 30V | Maximum steady-state reverse voltage | | **Forward Current ($I_F$)** | 1.0A | Maximum continuous forward current | | **Forward Voltage ($V_F$)** | 0.45V (max) | Low voltage drop for efficiency | | **Reverse Current ($I_R$)** | 0.2mA | Leakage current at rated voltage | | **Package Type** | Mini2-F1 | Small surface-mount package | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Key Features * **Low Forward Voltage:** The $V_F$ is significantly lower than standard silicon diodes (typically 0.7V), which reduces power loss and heat generation. * **High-Speed Switching:** Because Schottky diodes have no minority carrier recovery time, they can switch on and off almost instantaneously. * **Compact Footprint:** The Mini2-F1 package is designed for high-density circuit boards, saving valuable PCB space. --- ### 3. Common Applications Due to its efficiency and speed, the MA21FAX-R is commonly found in: 1. **DC-DC Converters:** Used as a freewheeling diode to improve conversion efficiency. 2. **Reverse Polarity Protection:** Protecting sensitive electronics from battery insertion errors with minimal voltage loss. 3. **Clamping Circuits:** Used in high-speed signal lines to prevent voltage spikes. 4. **Power Management:** Found in mobile devices, tablets, and portable peripherals. --- ### 4. Comparison: Schottky vs. Standard Diode To understand why the MA21FAX-R is chosen, consider this comparison: | Feature | Standard Diode (e.g., 1N4001) | MA21FAX-R (Schottky) | | :--- | :--- | :--- | | **Voltage Drop** | ~0.7V - 1.1V | ~0.3V - 0.45V | | **Switching Speed** | Slow (Trr > 500ns) | Ultra-Fast (Trr < 10ns) | | **Efficiency** | Lower | Higher | | **Leakage Current** | Very Low | Higher (Sensitive to temp) |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the MA21FAX-R?
    • ⤷ How does temperature affect the reverse leakage current of this Schottky diode?
    • ⤷ Can this diode be used in AC-to-DC rectification for mains power?