データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA23FBX-R

  • AI
    The **MA23FBX-R** is a specialized high-performance RF (Radio Frequency) component, specifically a **Coaxial Termination** (also known as a "Dummy Load"). It is designed to terminate a transmission line with a specific impedance to prevent signal reflections. --- ### ## Technical Specifications Below are the primary electronic characteristics of the MA23FBX-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Termination / Dummy Load | | **Connector Type** | SMA Male | | **Impedance** | 50 Ohms (Nominal) | | **Frequency Range** | DC to 18 GHz (typically) | | **Power Rating** | 0.5 Watts to 2 Watts (average) | | **VSWR** | Typically < 1.20:1 | | **Housing Material** | Stainless Steel or Passivated Brass | --- ### ## Internal Composition and Function The MA23FBX-R consists of several critical internal sub-parts: 1. **Resistive Element:** The heart of the part is a precision thin-film or thick-film resistor. It is designed to convert RF energy into a small amount of heat. 2. **Dielectric Support:** Usually made of Teflon (PTFE), this ensures the center conductor remains perfectly aligned to maintain the 50-ohm characteristic impedance. 3. **Outer Conductor/Shell:** Provides the grounding path and electromagnetic shielding to prevent signal leakage. 4. **Center Pin:** Often gold-plated to ensure low contact resistance and prevent oxidation over long-term use. --- ### ## Common Applications The MA23FBX-R is utilized in several electronic environments: * **Testing and Measurement:** Used to terminate unused ports on a Network Analyzer or Signal Generator to ensure accurate readings. * **Circuit Protection:** Prevents high-frequency signals from reflecting back into sensitive amplifiers, which could cause damage or instability. * **Isolation:** Used on the "isolated" port of a directional coupler or power divider. --- ### ## Key Advantages * **Broadband Performance:** Operates consistently from very low frequencies (DC) up to microwave frequencies (18 GHz). * **Compact Form Factor:** The "SMA" interface allows it to be used in tight spaces within RF assemblies. * **High Reliability:** Built to military or industrial standards for thermal stability.
    ✨ Follow-up Questions
    • ⤷What is the maximum VSWR rating for the MA23FBX-R at 18GHz?
    • ⤷ Can this part be used in high-power applications exceeding 5 Watts?
    • ⤷ What are the mechanical torque requirements for the SMA connector on this device?