データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA23FCA-R

  • AI
    The **MA23FCA-R** is a high-performance, compact board-to-board connector manufactured by **Hirose Electric (HRS)**. It belongs to the **MA23 series**, which is designed for high-speed transmission and floating structures. --- ### ## 1. Key Specifications and Features The MA23 series is characterized by its ability to handle high data rates while absorbing assembly misalignments. | Feature | Specification / Detail | | :--- | :--- | | **Connector Type** | Board-to-Board (Floating Type) | | **Pitch** | 0.5 mm | | **Data Rate** | Supports up to 8 Gbps+ (High-speed) | | **Floating Range** | ±0.6 mm in X and Y directions | | **Stacking Height** | Typically 8 mm to 30 mm (depending on pairing) | | **Contact Material** | Copper Alloy with Gold Plating | | **Mounting Type** | SMT (Surface Mount Technology) | --- ### ## 2. Deep Dive: Electronic & Mechanical Characteristics #### ### A. High-Speed Transmission The MA23FCA-R is engineered for modern high-speed protocols. Its internal structure minimizes impedance mismatch and crosstalk, making it suitable for: * PCI Express Gen 3 (8 Gbps) * SATA / SAS * MIPI / DisplayPort interfaces #### ### B. Floating Structure (The "F" in MA23F) The most critical electronic-mechanical feature is the **floating mechanism**. In multi-connector designs, rigid connectors can crack solder joints if the boards aren't perfectly aligned. * **Stress Relief:** The floating contact design absorbs mechanical tolerances during assembly. * **Reliability:** It prevents signal interruption caused by vibration or thermal expansion/contraction of the PCB. #### ### C. Grounding and Shielding To maintain signal integrity at 8 Gbps, the MA23FCA-R often incorporates dedicated ground contacts or metal shells (depending on the specific sub-variant) to provide a clear return path for high-frequency signals and reduce EMI (Electromagnetic Interference). --- ### ## 3. Typical Applications Due to its reliability and speed, this part is commonly found in: 1. **Automotive Electronics:** Infotainment systems, ADAS modules, and LiDAR sensors. 2. **Industrial Equipment:** PLC controllers and robotics where vibration is present. 3. **Medical Imaging:** High-resolution diagnostic equipment requiring fast data transfer. 4. **Telecom:** Base stations and networking switches. --- ### ## 4. Technical Comparison *If you are comparing this to standard board-to-board connectors:* ```yaml Comparison: Standard_Connector: - Alignment: Must be precise (< 0.1mm) - Speed: Usually < 3 Gbps - Risk: Solder fatigue due to vibration MA23FCA-R: - Alignment: Forgiving (±0.6mm floating) - Speed: Optimized for 8 Gbps+ - Risk: High vibration resistance ```
    ✨ Follow-up Questions
    • ⤷ What is the mating counterpart (receptacle) part number for the MA23FCA-R?
    • ⤷ Can you provide the footprint dimensions for the MA23FCA-R PCB layout?
    • ⤷ What are the temperature ratings for automotive-grade MA23 series connectors?