MA23TAX-R
AI

The **MA23TAX-R** is a specific part number typically associated with the **M23 series** of industrial circular connectors, specifically from manufacturers like **Phoenix Contact** or **TE Connectivity (Intercontec)**. These components are designed for robust electrical connections in automation and motion control.
---
### 1. General Specifications
The "MA" series generally refers to the housing or cable connector assembly within the M23 standard.
| Feature | Description |
| :--- | :--- |
| **Standard** | M23 Circular Connector |
| **Gender** | Male (Plug) / Female (Socket) - varies by configuration |
| **Mounting Type** | Cable connector or panel mount |
| **Locking System** | Screw locking (standard) or Speedtec (fast-lock) |
| **Protection Class** | IP67 (Dust tight and water immersion) |
---
### 2. Breakdown of Components
An M23 connector like the MA23TAX-R consists of several internal electronic and mechanical parts:
#### A. The Insert (The Core)
This is the plastic insulation body that holds the electrical pins.
* **Pole Count:** Common configurations are 6, 7, 9, 12, 17, or 19 poles.
* **Material:** Usually high-performance plastics (PA or PBT) capable of withstanding high temperatures.
#### B. Contacts (Pins and Sockets)
The actual conductive elements.
* **Plating:** Usually Gold-plated (Au) over Nickel (Ni) to ensure low contact resistance and prevent corrosion.
* **Termination:** Usually **Crimp** (for high vibration) or **Solder** (for manual assembly).
#### C. Shielding (EMC)
Electronic components in industrial environments face High-Frequency interference.
* **360° Shielding:** The housing is metallic (usually Zinc die-cast) to provide an EMI/RFI shield, protecting the signal integrity of the wires inside.
---
### 3. Application Use-Cases
The MA23TAX-R series is primarily used in the following electronic environments:
1. **Servo Motors:** Providing power and feedback (encoder) signals.
2. **Robotics:** For multi-axis control where high durability and flexibility are required.
3. **Sensors:** Connecting complex sensor arrays to a central PLC.
---
### 4. Technical Electrical Data (Typical)
Depending on the specific pin configuration (Signal vs. Power), the electrical limits are generally:
| Parameter | Signal Contacts | Power Contacts |
| :--- | :--- | :--- |
| **Rated Voltage** | 48V - 150V | 630V |
| **Rated Current** | 8A - 10A | 20A - 30A |
| **Contact Resistance** | < 3 mΩ | < 1 mΩ |
---
- ⤷
What is the specific pin count for the MA23TAX-R variant?
- ⤷ How does the 'R' suffix affect the mounting or locking orientation?
- ⤷ Is this part compatible with Speedtec quick-locking systems?