データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA23TCG-R

  • AI
    The **MA23TCG-R** is a specialized electronic component, typically identified as a **high-precision, ultra-low current reed switch** or a specific magnetic sensor variant often used in specialized industrial and security applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MA23TCG-R is designed for high reliability in switching small signals. It operates based on the proximity of a magnetic field. | Feature | Description | | :--- | :--- | | **Component Type** | Reed Switch / Magnetic Proximity Sensor | | **Contact Form** | Form A (Normally Open) | | **Switching Power** | Low (typically rated for signal level, not power level) | | **Mounting Type** | Through-hole or Custom Lead-frame (Depending on housing) | | **Contact Material** | Rhodium or Ruthenium (High durability) | --- ### 2. Electrical Characteristics These parts are engineered for consistency over millions of cycles. Because it is a "Dry Reed" type, it does not require a power source to operate; it is triggered by an external magnet. * **Switching Voltage:** Usually rated up to **100V DC/AC**. * **Switching Current:** Optimized for low-level signals (approx. **0.25A to 0.5A**). * **Contact Resistance:** Extremely low (initially **<150 mΩ**), ensuring signal integrity. * **Insulation Resistance:** Very high (typically **10¹⁰ Ω**), preventing leakage in the open state. --- ### 3. Mechanical & Environmental Parts The "TCG" designation often refers to the glass encapsulation and the sensitivity range (Pull-in/Drop-out values). * **Glass Envelope:** Hermetically sealed to protect contacts from oxidation and moisture. * **Lead Finish:** Tin-plated (indicated by the **-R** suffix, often denoting RoHS compliance/Lead-free). * **Sensitivity (AT):** Measured in Ampere-Turns. The MA23 series usually falls in the **10-15 AT** or **15-20 AT** range, meaning it is quite sensitive to small magnets. --- ### 4. Typical Applications The electronic properties of the MA23TCG-R make it suitable for the following: 1. **Security Systems:** Door and window open/close sensors. 2. **Medical Equipment:** Non-contact switching for sterile environments. 3. **Utility Meters:** Pulse counting in water or gas meters. 4. **Telecom:** Signal switching where low power consumption is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the MA23TCG-R?
    • ⤷ How does the 'AT' rating affect the sensor's performance?
    • ⤷ Is the MA23TCG-R compatible with standard PCB soldering processes?