データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA24FAA-R

  • AI
    The **MA24FAA-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by companies like **Nidec (Copals)** or similar industrial fan suppliers. These components are critical for thermal management in electronic enclosures, servers, and power supplies. --- ## 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of the MA24FAA-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 24V DC | | **Operating Voltage Range** | 14V to 27.6V DC | | **Current Type** | Direct Current (DC) | | **Motor Type** | Brushless DC (BLDC) | | **Bearing Type** | Dual Ball Bearing (Standard for "R" suffix) | | **Frame Size** | 40mm x 40mm x 10mm (Small Form Factor) | | **Termination** | Lead Wires (usually 2 or 3 wires) | --- ## 2. Key Electronic Features ### A. Brushless Commutation Unlike brushed motors, the MA24FAA-R uses **electronic commutation**. It contains an internal PCB with Hall-effect sensors that detect the position of the rotor's permanent magnets, switching the current to the stator coils at the precise moment to maintain rotation. This reduces friction and electrical noise. ### B. Integrated Protection Circuits * **Auto-Restart:** If the fan blades are physically obstructed, the internal IC detects the stall and cuts power to prevent the coils from burning out. It periodically attempts to restart until the blockage is removed. * **Reverse Polarity Protection:** Prevents damage to the internal circuitry if the positive and negative leads are connected incorrectly. ### C. The "R" Suffix Meaning In many industrial naming conventions (especially Nidec/Copal), the **"R"** designates a specific performance or feature tier: * **Rotation/Speed:** Often indicates a "High Speed" or "Standard" variant. * **Bearing:** Usually signifies **Dual Ball Bearings**, which offer a longer MTBF (Mean Time Between Failures) and allow the fan to be mounted in any orientation without leaking lubricant. --- ## 3. Pinout and Wiring The fan typically follows standard color coding for its lead wires: ```yaml Red: Positive (+24V DC) Black: Negative (Ground/GND) White/Yellow: Sensor Lead (Optional - Tachometer/FG Signal) ``` --- ## 4. Typical Applications Due to its 24V rating and small 40mm footprint, this part is commonly used in: 1. **Industrial Automation:** Cooling for PLC (Programmable Logic Controller) cabinets. 2. **3D Printers:** Used for cooling the hot-end or mainboard (many 3D printers operate on 24V rails). 3. **Networking Gear:** Cooling for compact switches and routers. 4. **Medical Equipment:** High-reliability cooling for diagnostic devices.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and Airflow (CFM) for this specific model?
    • ⤷ How does the 'R' suffix impact the expected lifespan (MTBF) compared to sleeve bearing models?
    • ⤷ Can this fan be controlled via Pulse Width Modulation (PWM) for speed adjustment?