データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA24FAG-R

  • AI
    The **MA24FAG-R** is a specific model of a **Brushless DC (BLDC) Cooling Fan**, typically manufactured by **Nidec Copal Electronics**. These fans are engineered for high reliability and efficiency in cooling electronic components. --- ## 1. Technical Specifications Below are the primary electronic and mechanical characteristics of the MA24FAG-R: | Feature | Specification | | :--- | :--- | | **Rated Voltage** | 24V DC | | **Voltage Range** | 10V to 27.6V DC | | **Rated Current** | Approximately 0.05A to 0.07A | | **Rated Power** | ~1.2W to 1.68W | | **Speed** | High Speed (approx. 8,500 - 10,000 RPM depending on load) | | **Airflow** | High Velocity (suitable for dense electronics) | | **Bearing Type** | Ball Bearing (Long life) | | **Size** | 25mm x 25mm x 10mm (Ultra-compact) | --- ## 2. Key Electronic Components & Features ### A. Integrated Circuit (IC) Controller The "brain" of the fan is a small CMOS IC located on the internal PCB. This chip manages: * **Commutation:** It switches the current between the stator coils to keep the permanent magnet rotor spinning without the need for physical brushes. * **Soft Start:** Reduces the initial current spike when the fan is powered on to protect the power supply. ### B. Safety & Protection Circuits The "R" suffix in the model name often denotes specific protection or lead wire configurations. Standard protections include: * **Locked Rotor Protection:** If the fan blades are obstructed, the IC automatically cuts or pulses the power to prevent the motor coils from overheating and burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped. ### C. The Motor Structure * **Stator:** A set of copper windings that create an electromagnetic field. * **Rotor:** A permanent magnet integrated into the fan blades. * **Sensors:** Usually contains a **Hall Effect Sensor** to detect the position of the rotor for precise timing of the electrical pulses. --- ## 3. Application Use-Cases Due to its small 25mm footprint and 24V rating, this part is commonly used in: * **Industrial Automation:** Cooling PLCs and motor drivers. * **Telecommunications:** Cooling small routers or signal switchers. * **Medical Equipment:** Internal cooling for portable diagnostic tools. * **3D Printers:** Specifically for cooling the hot-end or small control boards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'F' and 'G' speed ratings in this series?
    • ⤷ How does the ball bearing system compare to sleeve bearings for this model?
    • ⤷ Can this fan be controlled via PWM for speed adjustment?