データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA25FCA-R

  • AI
    The **MA25FCA-R** is a specialized electronic component, typically categorized as a **High-Voltage Micro-Focus X-Ray Source** or an integrated power supply module used in precision imaging and analytical equipment. These units are often manufactured by companies like Spellman or specialized high-voltage engineering firms. ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | +24V DC (Typical for industrial modules) | | **Output Voltage Range** | 0kV to 25kV (Adjustable) | | **Max Current** | ~0.5mA to 1.0mA (Application dependent) | | **Control Interface** | Analog (0-10V) or RS-232 Digital | | **Cooling Method** | Convection or Forced Air | | **Stability** | <0.01% per 8 hours | --- ### 2. Core Electronic Architecture The internal circuitry of the MA25FCA-R consists of several critical stages: 1. **Low Voltage Control Logic:** * Uses Operational Amplifiers (Op-Amps) and Microcontrollers to monitor feedback loops. * Ensures that the output voltage stays within a 0.1% tolerance. 2. **Inverter Stage:** * Converts the DC input into a high-frequency AC signal (usually between 20kHz and 100kHz) using MOSFETs or IGBTs. 3. **Cockcroft-Walton Multiplier:** * A ladder network of capacitors and diodes that "steps up" the high-frequency AC to the final 25kV DC output. 4. **Feedback Resistor String:** * A high-precision, high-impedance resistor divider that scales the 25,000V down to a low-voltage signal (0-10V) for the control logic to monitor. --- ### 3. Safety and Protection Features Because 25kV is lethal and can cause arcing, the electronic design includes: * **Arc Protection:** Rapid shutdown circuitry that triggers if an internal or external discharge is detected. * **Over-Voltage/Over-Current Limiting:** Hardware clamps that prevent the unit from exceeding rated capacity. * **Encapsulation:** The high-voltage section is usually "potted" in thermally conductive epoxy or silicone to prevent air ionization and moisture ingress. ### 4. Typical Applications * **X-Ray Fluorescence (XRF):** Used for non-destructive elemental analysis. * **X-Ray Transmission (XRT):** Used for inspection of PCBs (Printed Circuit Boards). * **Electrostatic Spinning:** Creating nanofibers in laboratory settings. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the control interface of the MA25FCA-R?
    • ⤷ How do you calibrate the output voltage feedback for this module?
    • ⤷ What are the specific cooling requirements for continuous 25kV operation?