データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA26FAG-R

  • AI
    The **MA26FAG-R** is a specific electronic component, typically identified as a **Metal Oxide Varistor (MOV)** produced by manufacturers like **Thinking Electronic Industrial (TKS)**. These components are used primarily for overvoltage protection in electronic circuits. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification / Detail | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Disk Size** | 26mm (indicated by "26") | | **Series** | High Energy / Surge Protection | | **Voltage Rating** | Generally designed for industrial power lines | | **Mounting Type** | Through-hole (Radial Leads) | | **Coating** | Epoxy Resin (Flame retardant) | --- ### 2. Key Functions The MA26FAG-R serves as a protective barrier for sensitive electronics against voltage spikes and surges (such as lightning strikes or industrial switching). * **Voltage Clamping:** When a high-voltage surge occurs, the resistance of the varistor drops rapidly, shunting the excess current to ground. * **High Energy Absorption:** Because of its large 26mm disk size, it can handle significantly higher energy (Joules) and peak current than standard 7mm or 10mm varistors. * **Bidirectional Protection:** It protects against both positive and negative voltage transients. --- ### 3. Common Applications Due to its high power rating, it is rarely found in small consumer electronics but is common in: 1. **Industrial Power Supplies:** Protecting AC input lines. 2. **Motor Controllers:** Absorbing inductive kicks from motors. 3. **Telecommunications:** Large scale infrastructure protection. 4. **Smart Meters:** Grid-level surge protection. --- ### 4. Technical Comparison Compared to standard TVS (Transient Voltage Suppressor) diodes, a varistor like the MA26FAG-R offers: | Metric | Varistor (MA26FAG-R) | TVS Diode | | :--- | :--- | :--- | | **Energy Capacity** | Very High | Low to Medium | | **Response Time** | Fast (<25ns) | Ultra-Fast (<1ns) | | **Capacitance** | High (pico/nano farads) | Low | | **Degradation** | Wears out over time | Generally does not wear out | ---
    ✨ Follow-up Questions
    • ⤷What is the specific clamping voltage for the MA26FAG-R?
    • ⤷ How does disk diameter affect the surge current rating of a varistor?
    • ⤷ What are the recommended safety standards for using this component in AC circuits?