MA28TAX-R
AI

The **MA28TAX-R** is a specific model within the **MA series of high-performance AC axial fans**, typically manufactured by companies like **Oriental Motor**. These components are designed for industrial-grade cooling and ventilation.
---
### 1. Key Technical Specifications
The "MA28TAX-R" designation refers to specific electrical and physical characteristics. Below is a breakdown of its core components:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 100V - 230V AC (Wide Range/Multi-voltage) |
| **Frame Size** | 119mm x 119mm (Standard Square) |
| **Thickness** | 38mm |
| **Bearing Type** | Dual Ball Bearing (Long Life) |
| **Material** | Aluminum Frame / Polycarbonate Impeller |
| **Speed Type** | High Speed (Standard T-Class) |
---
### 2. Electronic Component Breakdown
The "R" suffix and internal circuitry indicate several sophisticated electronic features:
#### A. Power Conversion
Unlike simple AC fans, the MA28TAX-R often utilizes an internal **AC-to-DC conversion circuit**. This allows the fan to:
* Maintain consistent airflow regardless of frequency fluctuations (50Hz vs 60Hz).
* Operate across a wide global voltage range without needing a transformer.
#### B. The "R" Suffix: Low-Speed Alarm
The **-R** in the part number specifically denotes the inclusion of a **Low-Speed Alarm (Contact Output)**.
* **Mechanism:** An internal sensor monitors the RPM of the impeller.
* **Function:** If the fan slows down below a specific threshold (due to dust buildup or motor failure), the internal circuit closes/opens a dedicated signal wire.
* **Usage:** This is connected to a PLC or system controller to trigger an emergency shutdown or maintenance alert.
#### C. Motor Technology
* **Type:** Brushless motor design integrated into an AC housing.
* **Thermal Protection:** Includes a built-in "Thermal Protector" or impedance protection to prevent the windings from catching fire if the rotor is locked (stalled).
---
### 3. Wiring Configuration
Typically, this part features a 3-wire or 4-wire setup depending on the terminal type:
1. **L (Live):** AC Power Input.
2. **N (Neutral):** AC Power Input.
3. **Alarm Leads (2 wires):** These are the output for the "R" (Low-Speed) alarm signal.
---
### 4. Typical Applications
Due to its reliability and the alarm feature, it is found in:
* **Server Racks:** High-density cooling where failure must be detected immediately.
* **Industrial Control Panels:** Protecting sensitive PLCs and Inverters.
* **Medical Equipment:** Where thermal management is critical for safety.
- ⤷
How do I wire the Low-Speed Alarm output to a PLC?
- ⤷ What is the difference between the MA28TAX-R and the standard MA28TAX?
- ⤷ What is the rated lifespan (MTBF) of the MA series ball bearings?