データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA2HFCA-R

  • AI
    The **MA2HFCA-R** is a high-performance surface-mount (SMT) common mode choke coil, primarily designed by **Murata Manufacturing**. It is frequently used in automotive and high-speed data transmission applications to suppress electromagnetic interference (EMI). --- ## 1. Core Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Common Mode Choke Coil | | **Impedance** | High impedance at noise frequencies | | **Rated Current** | Typically in the range of 100mA to 500mA | | **Rated Voltage** | 50V DC (Standard for signal lines) | | **Insulation Resistance** | 10M $\Omega$ min | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Features and Construction ### A. Compact Form Factor The MA2H series is known for its miniature footprint. This allows for high-density mounting on PCBs where space is at a premium, such as in camera modules or sensor units. ### B. High Reliability The "-R" suffix often denotes specific reel packaging or compliance with automotive standards (like **AEC-Q200**), ensuring the component can withstand vibrations, thermal shocks, and harsh environments. ### C. Magnetic Shielding The part is constructed to minimize stray magnetic fields, ensuring that the component itself does not become a source of interference for neighboring circuits. --- ## 3. Functionality in Electronics The primary role of the MA2HFCA-R is **Noise Suppression**. 1. **Differential Mode Signals:** It allows the desired high-speed data signals (which travel in opposite directions) to pass with minimal attenuation. 2. **Common Mode Noise:** It provides high impedance to noise signals (which travel in the same direction), effectively "choking" the noise before it reaches sensitive components or radiates from cables. ### Typical Applications: * **Automotive Infotainment:** LVDS or Ethernet lines. * **ADAS (Advanced Driver Assistance Systems):** High-speed camera interfaces. * **USB/HDMI Interfaces:** Maintaining signal integrity while meeting EMC compliance. --- ## 4. Example Circuit Implementation When placing this part in a design, it is situated across a pair of differential signal lines: ```markdown [Signal Source (+)] ----+ (Pin 1) [ Coil A ] (Pin 2) ----> [ Receiver (+)] | (Core) | [Signal Source (-)] ----+ (Pin 4) [ Coil B ] (Pin 3) ----> [ Receiver (-)] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific impedance values for the MA2HFCA-R at 100MHz?
    • ⤷ How does this part compare to the DLW series from Murata?
    • ⤷ Is the MA2HFCA-R AEC-Q200 qualified for automotive use?