データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA2HTCA-R

  • AI
    The **MA2HTCA-R** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) pressure sensor, typically manufactured by **TDK (InvenSense)**. It is part of the "MA" series, specifically designed for harsh environments and demanding automotive applications. --- ### 1. Key Technical Specifications The "HT" in the part number often signifies "High Temperature," while the "R" indicates "Robust" or specific packaging/tape-and-reel options. | Parameter | Typical Value / Range | | :--- | :--- | | **Technology** | MEMS Piezo-resistive / Capacitive | | **Operating Voltage** | 3.3V to 5V DC | | **Pressure Range** | High-pressure sensing (varies by sub-model) | | **Temperature Range** | -40°C to +150°C (Automotive Grade) | | **Output Type** | Analog or Digital (I2C/SPI depending on ASIC) | | **Housing** | Ceramic or Metal-capped LGA | --- ### 2. Core Electronic Components The MA2HTCA-R is not a single component but an integrated system-in-package (SiP) consisting of several sub-parts: 1. **MEMS Element:** * A micro-machined silicon diaphragm. * Contains strain gauges that change resistance/capacitance when the diaphragm deflects under pressure. 2. **ASIC (Application-Specific Integrated Circuit):** * **Signal Conditioning:** Amplifies the tiny millivolt signals from the MEMS element. * **ADC (Analog-to-Digital Converter):** Converts the pressure readings into digital data. * **Calibration Memory (EEPROM):** Stores factory calibration coefficients to compensate for thermal drift. 3. **Temperature Sensor:** * An internal thermistor or diode-based sensor used to adjust the pressure reading based on the current ambient temperature. --- ### 3. Application Use Cases This specific part is engineered for the **Automotive** sector, where reliability is critical. * **Brake Systems:** Monitoring hydraulic fluid pressure in ABS/ESP units. * **Transmission Control:** Sensing oil pressure for smooth gear shifting. * **HVAC Systems:** Measuring refrigerant pressure in high-temperature environments. * **Engine Management:** Oil and fuel pressure monitoring. --- ### 4. Hardware Pinout Considerations While the exact footprint depends on the package revision, standard MA-series sensors follow this general logic: * **VDD/GND:** Power supply pins. * **SCL/SDA:** Data lines for I2C communication. * **OUT:** In analog versions, the voltage level corresponds to pressure. * **NC:** Non-connected pins for mechanical stability. ---
    ✨ Follow-up Questions
    • ⤷What are the specific communication protocols supported by the MA2HTCA-R?
    • ⤷ How does the 'High Temperature' rating affect the sensor's lifespan?
    • ⤷ Is this sensor AEC-Q100 qualified for automotive safety?