データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA2L1FBD-R

  • AI
    ### Technical Overview: MA2L1FBD-R The **MA2L1FBD-R** is a specific part number belonging to a series of high-performance magnetic sensors, typically manufactured by companies like **Honeywell** or similar industrial electronics providers. It is most commonly categorized as a **Magnetoresistive (MR) Sensor**. --- ### 1. Component Specifications These parts are designed to detect magnetic fields and convert them into electrical signals for speed, position, or direction sensing. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Anisotropic Magnetoresistive (AMR) | | **Function** | Digital Speed & Direction / Position Sensing | | **Output Type** | Digital (Square Wave) | | **Supply Voltage** | Typically 4.5V to 24V DC | | **Operating Temp** | -40°C to +150°C (Industrial Grade) | | **Housing Material** | High-temperature Plastic or Stainless Steel | --- ### 2. Key Internal Components The "Electronic Parts" within the assembly consist of several integrated stages: 1. **Magnetoresistive Bridge:** A set of thin-film resistors whose resistance changes when exposed to an external magnetic field. 2. **Signal Conditioner:** An internal integrated circuit (IC) that amplifies the small voltage changes from the bridge. 3. **Schmitt Trigger:** Converts the analog signal into a clean digital "High" or "Low" pulse to prevent noise interference. 4. **Output Transistor:** Usually an Open Collector configuration, allowing the sensor to interface with various logic levels (PLC, Microcontroller). --- ### 3. Pinout and Connection While the specific wire colors can vary by batch, the standard configuration for this series is: ```yaml Pin 1: VCC (Power Supply, e.g., +12V) Pin 2: Ground (0V) Pin 3: Signal Output (Digital Pulse) Pin 4: Direction Output (Optional, depending on specific sub-model) ``` --- ### 4. Typical Applications * **Automotive:** Transmission speed sensing and ABS systems. * **Industrial:** Gear tooth speed detection in heavy machinery. * **Energy:** Monitoring rotation in wind turbines or large motors. --- ### 5. Part Number Breakdown (Suffixes) * **MA2L:** Series identifier (Magnetoresistive, Dual-Element). * **1F:** Sensitivity and air-gap rating. * **BD:** Connector or Housing style. * **-R:** Often denotes "RoHS Compliant" or "Reverse Polarity Protection" included. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum air gap distance for the MA2L1FBD-R to detect a gear tooth?
    • ⤷ How do I wire this sensor to an Arduino or PLC?
    • ⤷ What are the primary differences between this MR sensor and a standard Hall Effect sensor?