データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA62FAD-R

  • AI
    The **MA62FAD-R** is an integrated circuit (IC) primarily used in the design of digital scales, weighing systems, and high-precision measurement devices. It is a specialized System-on-Chip (SoC) that combines an analog front-end with a microcontroller. --- ### 1. Key Technical Specifications The device is designed to handle very small signals from load cells and convert them into digital data. | Feature | Specification | | :--- | :--- | | **Core** | 8-bit Microcontroller (typically 8051-based core) | | **ADC Resolution** | 24-bit Sigma-Delta ADC | | **Operating Voltage** | 2.4V to 3.6V | | **On-chip Flash** | Usually 4KB - 8KB (application dependent) | | **Input Channels** | Differential inputs for bridge sensors (Load Cells) | | **Communication** | I2C, UART, or SPI (depending on configuration) | --- ### 2. Internal Architecture & Components The MA62FAD-R is highly integrated to reduce the need for external components. * **PGA (Programmable Gain Amplifier):** Amplifies the millivolt signals from a load cell. * **24-bit ADC:** Provides high resolution to detect weight changes as small as 0.1g or less. * **Low-Dropout Regulator (LDO):** Built-in regulator to provide stable power to the internal analog circuitry and external sensor. * **LCD Driver:** Often includes an integrated driver to directly control a 7-segment LCD screen. * **Internal Oscillator:** Eliminates the need for an external crystal in many applications. --- ### 3. Pin Configuration Categories While specific pinouts vary by package (e.g., SOP24 or SSOP28), the pins are generally grouped as follows: 1. **Analog Pins (AIN+, AIN-):** Connect to the Wheatstone bridge of the load cell. 2. **Digital I/O:** General purpose pins for buttons (Tare, Unit, Power). 3. **Display Pins (SEG/COM):** Used for driving the LCD display segments. 4. **Programming Pins:** Used for flashing firmware during production. --- ### 4. Typical Application Circuit In a standard design, the circuit follows this flow: ```mermaid graph LR A[Load Cell] --> B[MA62FAD-R ADC] B --> C[Internal 8051 MCU] C --> D[LCD Display] C --> E[Buzzer/Buttons] ``` ### 5. Common Use Cases * **Electronic Kitchen Scales:** High precision with low power consumption. * **Portable Luggage Scales:** Small form factor integration. * **Body Fat/Bathroom Scales:** Utilizing the multi-channel ADC inputs. * **Industrial Pressure Sensors:** Converting analog pressure to digital readouts.
    ✨ Follow-up Questions
    • ⤷ What are the programming tools required for the MA62FAD-R microcontroller?
    • ⤷ How does the 24-bit ADC accuracy compare to a 16-bit ADC in weighing applications?
    • ⤷ Can the MA62FAD-R operate in a low-power sleep mode for battery-powered devices?