データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA62FAG-R

  • AI
    The **MA62FAG-R** is an electronic component primarily classified as a **Rectifier Diode**, specifically designed for high-efficiency power conversion and circuit protection. ### 1. General Specifications The following table summarizes the key technical parameters of the MA62FAG-R: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Package Type** | Surface Mount (SMD) | | **Forward Voltage ($V_F$)** | Low (typically optimized for efficiency) | | **Max Peak Reverse Voltage** | High-speed rectification standard | | **Mounting Style** | Surface Mount Device (SMD) | | **Application** | Power supplies, signal rectification | --- ### 2. Key Electronic Characteristics Rectifier diodes like the MA62FAG-R perform several critical functions within an electronic circuit: 1. **Unidirectional Current Flow:** It allows electrical current to pass in one direction (Anode to Cathode) while blocking it in the opposite direction. 2. **AC to DC Conversion:** In power supply units, it is used to convert alternating current (AC) from a transformer into direct current (DC) for electronic components. 3. **Reverse Polarity Protection:** It protects sensitive circuitry from damage if the power source (like a battery) is connected backward. 4. **Voltage Clamping:** It can be used to prevent voltage spikes from damaging other semiconductors by "clamping" the voltage to a safe level. --- ### 3. Circuit Symbol & Connection In a schematic, the MA62FAG-R is represented by a standard diode symbol. ```text Anode (+) Cathode (-) | |\ | | -------*------| >|--------*------- |/ | (Current Flow ->) ``` ### 4. Typical Applications * **Switching Power Supplies (SMPS):** Used in the output stage for high-frequency rectification. * **Battery Chargers:** To prevent the battery from discharging back into the charger circuit. * **Consumer Electronics:** Found in TVs, laptops, and peripheral power adapters. * **Automotive Electronics:** Used for signal conditioning and surge protection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum forward current rating for the MA62FAG-R?
    • ⤷ What are the common SMD package dimensions for this specific diode series?
    • ⤷ Can this diode be used in high-frequency switching applications?