データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA62FCA-R

  • AI
    The **MA62FCA-R** is an electronic component primarily classified as a **High-Frequency Connector** or **Coaxial Interconnect**, typically manufactured by companies like **Hirose Electric** or similar precision hardware specialists. It is commonly used in high-speed data transmission and telecommunications. ### 1. General Specifications Below is a summary of the technical characteristics often associated with this part series: | Feature | Specification | | :--- | :--- | | **Component Type** | Coaxial Connector / RF Switch | | **Mounting Type** | Surface Mount (SMT) | | **Frequency Range** | DC to 6 GHz (Typical) | | **Impedance** | 50 Ohms | | **Mating Cycles** | ~100 to 500 cycles | | **Voltage Rating** | 60V AC/DC | --- ### 2. Key Internal Components The MA62FCA-R consists of several critical layers and materials: 1. **Contact Pin (Center Conductor):** Usually made of **Phosphor Bronze** with **Gold Plating**. Gold is used to ensure low contact resistance and prevent oxidation over long periods. 2. **Insulator:** A high-performance plastic (often **LCP - Liquid Crystal Polymer**) that maintains a stable dielectric constant even at high frequencies. 3. **Outer Shell (Grounding):** A stainless steel or copper alloy shell that provides electromagnetic interference (EMI) shielding and structural integrity. 4. **Solder Pads:** Lead-free (RoHS compliant) plating, designed for automated Pick-and-Place SMT assembly lines. --- ### 3. Application Areas Because of its small footprint and high-frequency capabilities, the MA62FCA-R is used in: * **Mobile Devices:** Internal antenna connections for 4G/5G modules and Wi-Fi. * **IoT Hardware:** Connecting external antennas to compact PCB boards. * **Testing:** Used as a test point for RF signal verification during the manufacturing process. --- ### 4. Handling and Design Considerations When integrating the MA62FCA-R into a circuit design, engineers must follow specific guidelines: ```markdown 1. Trace Impedance: Ensure the PCB transmission line is calculated to 50 Ohms. 2. Reflow Profile: Follow the manufacturer's thermal profile to avoid melting the LCP insulator. 3. Keep-out Zone: Maintain a clear area around the connector to prevent signal interference from power planes. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical insertion loss for the MA62FCA-R at 6 GHz?
    • ⤷ Is the MA62FCA-R compatible with standard U.FL cable assemblies?
    • ⤷ What are the recommended reflow soldering temperatures for this part?