データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA62FCD-R

  • AI
    The **MA62FCD-R** is a specific model of a **Magnetic Encoder Chip**, typically manufactured by companies like *MagAlpha* (Monolithic Power Systems - MPS). It is designed to detect the angular position of a permanent magnet (usually a diametrically magnetized cylinder) placed above the chip. --- ### 1. Technical Specifications Below are the primary technical characteristics of the MA62FCD-R: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Angle Encoder | | **Resolution** | 8 to 12 bits (programmable) | | **Supply Voltage** | 3.3V (Typical) | | **Interface** | SPI, PWM, ABZ (Incremental), UVW | | **Max Rotation Speed** | Up to 100,000+ RPM | | **Package** | QFN-16 (3x3mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Electronic Components & Architecture The chip integrates several complex electronic sub-systems into a single piece of silicon: * **Hall Effect Sensor Array:** A circular arrangement of Hall elements that detect the vertical and horizontal components of the magnetic field. * **SpinAxis™ Technology:** A proprietary digital filter used to convert the magnetic field signals into a digital angle in real-time with very low latency. * **A/D Converters:** High-speed analog-to-digital converters translate the analog Hall voltage into data for the processor. * **Non-Volatile Memory (OTP/EEPROM):** Used to store configuration settings, such as zero-point offset and resolution preferences. --- ### 3. Pinout and Connectivity The MA62FCD-R communicates with microcontrollers (like Arduino, STM32, or ESP32) using the following pins: 1. **VDD/GND:** Power supply pins. 2. **MOSI/MISO/SCLK/CS:** Standard **SPI** pins for high-speed data readout and configuration. 3. **PWM:** Provides a pulse-width modulated signal where the duty cycle represents the angle. 4. **A/B/Z:** Incremental encoder outputs (standard for motor control). --- ### 4. Comparison of Output Modes The flexibility of the MA62FCD-R comes from its multiple output formats: | Output Mode | Best Used For | | :--- | :--- | | **SPI** | Absolute position reading by a Microcontroller. | | **PWM** | Simple angle feedback with minimal wiring. | | **ABZ** | Replacing traditional optical encoders in BLDC motors. | | **UVW** | Providing commutation signals for Brushless DC motors. | --- ### 5. Common Applications * **Robotics:** Joint position sensing in robotic arms. * **Drones:** Gimbal motor control and orientation. * **Industrial:** Replacement for mechanical potentiometers. * **Automotive:** Electronic throttles and steering angle detection.
    ✨ Follow-up Questions
    • ⤷ How does the SpinAxis technology reduce latency compared to traditional encoders?
    • ⤷ What are the mounting requirements for the magnet relative to the MA62FCD-R chip?
    • ⤷ Can the MA62FCD-R operate in high-temperature automotive environments?