データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA63FBA-R

  • AI
    The **MA63FBA-R** is a specific type of high-frequency, precision electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Sensor** or a **Hall Effect Rotary Encoder IC**. These parts are designed to detect the angular position of a magnet rotating over the chip. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "MA" series (often associated with manufacturers like Monolithic Power Systems - MPS) focuses on MagAlpha technology for contactless angle sensing. | Parameter | Typical Value / Description | |:---|:---| | **Part Number** | MA63FBA-R | | **Technology** | MagAlpha (Hall Effect Sensing) | | **Input Type** | Magnetic Field (Rotating) | | **Output Type** | Digital (SPI, SSI, PWM, or ABZ) | | **Resolution** | 8 to 12 bits (depending on specific sub-revision) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package** | QFN-16 (or similar small form factor) | --- ### 2. Core Electronic Components The internal architecture of the MA63FBA-R consists of several critical electronic blocks: * **Hall Element Array:** A circular arrangement of sensors that detects the horizontal component of the magnetic field. * **Analog-to-Digital Converter (ADC):** Converts the analog voltage generated by the Hall sensors into a digital signal. * **Digital Signal Processor (DSP):** Performs trigonometric calculations (CORDIC algorithm) to determine the exact angle of the magnet in real-time. * **Non-Volatile Memory (NVM):** Stores configuration settings, such as zero-point offset and output format. * **Interface Logic:** Manages communication via high-speed protocols (typically SPI) to send data to a microcontroller (MCU). --- ### 3. Pinout and Connectivity While exact pin numbering depends on the package datasheet, the functional groups are as follows: 1. **VDD/VSS:** Power supply pins (usually 3.3V) and Ground. 2. **MOSI/MISO/SCLK/CS:** Standard SPI interface pins for configuration and angle readout. 3. **A/B/Z:** Incremental encoder outputs (simulates an optical encoder). 4. **PWM:** A pulse-width modulated output where the duty cycle represents the angle. --- ### 4. Key Features * **Contactless Sensing:** No mechanical wear, leading to high reliability in harsh environments. * **Low Latency:** Optimized for high-speed motor control (often < 10µs). * **Side-Shaft Support:** Can be configured to detect magnets placed to the side, not just directly above the chip. --- ### 5. Common Applications * **Robotics:** Joint position sensing for servo motors. * **Automotive:** Electronic throttle control or steering angle sensors. * **Consumer Electronics:** High-end knobs, dials, and joysticks. * **Industrial Automation:** Brushless DC (BLDC) motor commutation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) supported by the MA63FBA-R?
    • ⤷ How does the SPI protocol interface with this specific encoder?
    • ⤷ What are the power consumption levels during active sensing mode?