データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA63TAD-R

  • AI
    Based on technical specifications, the **MA63TAD-R** typically refers to a high-precision **Magnetic Absolute Rotary Encoder** module. These components are used to measure the angular position of a shaft and convert it into a digital signal. --- ### 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Technology** | Magnetic Hall-effect sensing | | **Encoder Type** | Absolute (remembers position after power loss) | | **Resolution** | Usually 12-bit to 14-bit (up to 16,384 positions per turn) | | **Output Interface** | SSI (Synchronous Serial Interface) or PWM | | **Mounting** | Hollow shaft or modular PCB mount | | **Supply Voltage** | 3.3V or 5.0V DC | --- ### 2. Key Electronic Components The MA63TAD-R consists of several critical electronic sub-sections: #### A. Sensor Array (The IC) The heart of the unit is a specialized CMOS Hall-effect sensor IC. Unlike optical encoders that use light and a glass disk, this uses a circular array of Hall elements to detect the magnetic field vector of a rotating permanent magnet mounted on the motor shaft. #### B. Signal Processing (DSP/MCU) The raw analog signals from the Hall sensors are processed by an internal **Digital Signal Processor (DSP)**. It performs: * **Arc-tangent calculation:** To determine the exact angle. * **Non-linearity correction:** To compensate for magnetic field imperfections. * **Filtering:** To reduce jitter and noise in the position data. #### C. Communication Interface To send data to a controller (like a PLC or Arduino), it uses digital protocols: * **SSI (Synchronous Serial):** A high-speed point-to-point interface. * **TAD (Terminal Addressable Data):** The "TAD" in the model name often implies a specific wiring configuration for daisy-chaining or specific bus communication. --- ### 3. Advantages of Magnetic Design * **Durability:** No physical contact between the sensor and the magnet means no wear. * **Environmental Resistance:** Resistant to dust, oil, and moisture (unlike optical encoders). * **Compact Footprint:** Extremely small compared to traditional mechanical encoders. --- ### 4. Application Examples 1. **Robotic Joints:** Providing feedback for servo motor position. 2. **Medical Equipment:** High-precision positioning in scanners or surgical arms. 3. **Industrial Automation:** Conveyor belt synchronization and valve control.
    ✨ Follow-up Questions
    • ⤷How do I interface the MA63TAD-R with a microcontroller using SSI?
    • ⤷ What is the difference between an absolute and an incremental encoder?
    • ⤷ What type of magnet is required for use with this specific encoder model?