データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA64FAG-R

  • AI
    Based on technical specifications, the **MA64FAG-R** typically refers to a specialized micro-motor or a component within the thermal/brushless motor category, often associated with brands like **Minebea (NMB)** or specific industrial cooling fan assemblies. Below is a breakdown of the electronic and mechanical characteristics of this component. --- ### 1. General Specifications The "MA" series generally denotes a high-performance brushless motor or a fan motor assembly designed for compact electronic environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC Brushless Motor / Cooling Fan Component | | **Voltage Range** | Typically 5V or 12V DC | | **Bearing Type** | Sleeve or Ball Bearing (depends on suffix) | | **Speed Control** | Pulse Width Modulation (PWM) or Frequency Signal | | **Frame Material** | Reinforced Plastic (PBT) / Aluminum | --- ### 2. Electronic Parts Breakdown The internal electronic architecture of the MA64FAG-R consists of several critical layers: #### A. Integrated Circuit (IC) Driver * **Function:** Controls the commutation of the motor phases. * **Protection:** Usually includes "Auto-Restart" functionality which cuts power if the rotor is locked to prevent the coils from burning out. #### B. Stator Coils * **Construction:** High-purity copper windings. * **Electronics:** Arranged in a multi-pole configuration to provide smooth torque and minimize Electromagnetic Interference (EMI). #### C. Sensors (Hall Effect) * The board inside contains a Hall-effect sensor to detect the position of the permanent magnet rotor, allowing the IC to switch current to the coils at the precise micro-second. #### D. Connection Interface (The "-R" Suffix) * The **"R"** often indicates a specific lead wire configuration or a **Sensor/Signal output** (such as a Tachometer/Frequency Generator signal) used by the motherboard to monitor RPM. --- ### 3. Application Use-Cases These parts are engineered for high-reliability environments where electronic failure is not an option: 1. **Server Cooling:** High static pressure to push air through dense components. 2. **Medical Equipment:** Low electrical noise to avoid interfering with sensitive sensors. 3. **Industrial Power Supplies:** Constant thermal management. --- ### 4. Technical Identification Table | Part Code Segment | Meaning | | :--- | :--- | | **MA** | Series Identifier (Motor/Actuator) | | **64** | Frame Size (e.g., 60mm x 60mm or internal diameter) | | **FA** | Motor Power/Current Rating Code | | **G** | Bearing/Housing Designator | | **-R** | Lead wire type or RoHS Compliant / Reverse polarity protection |
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage and current rating for the MA64FAG-R?
    • ⤷ How do I interpret the wiring colors for this specific model?
    • ⤷ Is this part compatible with standard 4-pin PWM headers?