データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA64FBG-R

  • AI
    The **MA64FBG-R** is a specialized electronic component, typically identified as a high-precision, automotive-grade magnetic sensor or a specific RF/Microwave filter component depending on the manufacturer (most commonly associated with **Murata** or specialized sensor manufacturers). Below is a breakdown of the typical technical characteristics and electronic architecture associated with this part series. --- ### 1. General Specifications The "MA" series generally refers to Magnetoresistive (MR) sensors or specific ceramic filter components. In the context of the **MA64FBG-R**, it is often categorized as a **Magnetic Pattern Recognition Sensor**. | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Sensor / MR Sensor | | **Configuration** | Differential or Bridge Circuit | | **Output Type** | Analog or Digital (Depending on circuit integration) | | **Sensitivity** | High (Optimized for weak magnetic fields) | | **Packaging** | Surface Mount (SMD) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | --- ### 2. Key Electronic Components & Working Principle The part functions based on the **Magnetoresistive Effect**, where the electrical resistance of the internal material changes in the presence of an external magnetic field. * **MR Elements:** Internally, it contains thin-film ferromagnetic resistors arranged in a Wheatstone bridge configuration. * **Differential Sensing:** It measures the difference in magnetic flux between two points, which allows it to cancel out common-mode noise (like Earth’s magnetic field) and focus on specific moving parts. * **Bias Magnet:** Some versions require or include a permanent magnet to "bias" the sensor, allowing it to detect ferrous metals (like gear teeth) even if they aren't magnetized themselves. --- ### 3. Application Use Cases This part is primarily used in industrial automation and security electronics. 1. **Banknote Recognition:** Used in ATMs and vending machines to detect the magnetic ink patterns on currency. 2. **Gear Tooth Sensing:** Detecting the rotation speed or position of steel gears in automotive or industrial machinery. 3. **Magnetic Mapping:** Identifying specific magnetic signatures for security or sorting purposes. --- ### 4. Terminal Configuration (Generic) While specific pinouts depend on the package, the electronic interface generally follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vcc | Supply Voltage (Typically 3V to 12V) | | **2** | OUT (+) | Positive Differential Output | | **3** | OUT (-) | Negative Differential Output | | **4** | GND | Ground Reference | --- ### 5. Technical Precautions * **Magnetic Saturation:** Exposure to extremely strong neodymium magnets can temporarily or permanently shift the sensor's offset. * **ESD Sensitivity:** Like most semiconductor sensors, it is sensitive to Electrostatic Discharge and requires handled in ESD-safe environments. * **Soldering:** Recommended for Reflow soldering; manual soldering should be avoided to prevent thermal stress on the internal MR thin-films.
    ✨ Follow-up Questions
    • ⤷What is the typical supply voltage range for the MA64 series?
    • ⤷ How does the MA64FBG-R differ from standard Hall Effect sensors?
    • ⤷ Can this sensor be used for detecting non-ferrous metals?