データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA64FCD-R

  • AI
    The **MA64FCD-R** is a specific technical component, most commonly associated with **LCD (Liquid Crystal Display) Driver ICs** or specific microcontroller units used in display interfacing. Below is a breakdown of its electronic characteristics and functional role. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Solomon Systech or similar display controller firms), the "MA64" series generally refers to small-form-factor display drivers. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | LCD Driver / Controller IC | | **Interface** | Serial (SPI) or Parallel (8-bit) | | **Voltage Supply** | 2.4V to 3.6V (Logic) | | **Package Type** | COG (Chip on Glass) or FPC (Flexible Printed Circuit) | | **Operating Temp** | -20°C to +70°C | ### 2. Key Electronic Features * **Integrated Charge Pump:** Includes internal circuitry to generate the high voltages required to drive liquid crystals, reducing the need for external components. * **On-Chip Display Data RAM (DDRAM):** Stores the pixel data to be displayed, which offloads the processing requirements from the main Microcontroller (MCU). * **Low Power Consumption:** Designed specifically for handheld or battery-operated devices. * **High Contrast Control:** Features software-adjustable electronic volume (contrast) settings. ### 3. Pin Configuration Categories The pins on the MA64FCD-R are generally categorized into four functional groups: 1. **Power Supply:** * `VDD`: Logic Power. * `VSS`: Ground. * `VOUT`: DC/DC Voltage Converter Output. 2. **Interface Pins:** * `CS / CE`: Chip Select. * `RES / RST`: Reset Signal. * `SCL / SDA`: Serial Clock and Data (if using SPI/I2C). 3. **LCD Drive:** * `COM`: Common signals. * `SEG`: Segment signals (determines the image/text). 4. **Oscillator:** * `OSC`: Connections for internal or external clocking. --- ### 4. Typical Applications The MA64FCD-R is typically found in low-resolution monochrome or grayscale displays: * **Industrial:** Temperature controllers, digital multimeters. * **Consumer:** Handheld gaming devices, smart thermostats. * **Medical:** Portable glucose monitors and blood pressure cuffs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution supported by the MA64FCD-R driver?
    • ⤷ How do you interface this IC with an Arduino or ESP32?
    • ⤷ What are the common failure modes for COG-type display drivers?