データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA66FAG-R

  • AI
    The **MA66FAG-R** is an integrated circuit (IC) primarily used in small-scale electronic devices, specifically within the domain of Microcontrollers or specialized USB/Power Management controllers. While specific datasheets can vary by manufacturer (often associated with brands like *Feeling Technology*), it is generally categorized as an **8-bit Microcontroller (MCU)** or a specialized **USB Bridge/Controller**. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in the MA66FAG-R series: | Parameter | Specification | | :--- | :--- | | **Core Architecture** | 8-bit RISC / 8051 Compatible | | **Operating Voltage** | 2.2V to 5.5V | | **I/O Pins** | 6 to 14 (Depending on package) | | **Package Type** | SOP-8 / SOP-14 / SOT-23-6 | | **Memory** | OTP (One Time Programmable) or Flash | | **Connectivity** | USB 1.1/2.0 FS (Model dependent) | --- ### 2. Functional Components The IC is comprised of several internal electronic parts that allow it to function as a standalone controller: * **Oscillator / Clock:** Internal high-speed RC oscillator, reducing the need for an external crystal. * **Power-On Reset (POR):** Built-in circuitry to ensure the chip starts correctly when power is applied. * **Low Voltage Reset (LVR):** Protects the system from malfunctions during brown-out conditions. * **PWM Channels:** Used for controlling LED brightness, motor speed, or power conversion. * **ADC (Analog-to-Digital Converter):** Typically includes multiple channels to read sensors or battery voltage levels. --- ### 3. Common Applications Due to its small footprint and low cost, this part is frequently found in: 1. **USB Peripheral Devices:** Simple mice, keyboards, or custom HID controllers. 2. **Consumer Electronics:** Electric toothbrushes, small beauty appliances, and LED controllers. 3. **Battery Management:** Simple charging indicators and protection circuits. --- ### 4. Typical Pinout Logic (SOP-8 Example) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | VDD | Power Supply Positive | | 2 | VSS | Ground | | 3-6 | I/O | General Purpose Input/Output | | 7 | RST | Reset Pin (often shared with I/O) | | 8 | CLK | Clock Input (if external is used) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the MA66FAG-R?
    • ⤷ Is the MA66FAG-R reprogrammable
    • ⤷ or is it OTP memory?
    • ⤷ Which software tools are required to program this specific IC?