データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA66FBA-R

  • AI
    The **MA66FBA-R** is an integrated circuit (IC) primarily designed by **MosArt Semiconductor**. It is a specialized microcontroller (MCU) frequently used in wireless peripherals, specifically wireless mice and keyboards operating on the 2.4GHz spectrum. --- ### 1. Key Technical Specifications The device acts as a "System-on-Chip" (SoC), combining processing power with input/output management. | Feature | Specification | | :--- | :--- | | **Manufacturer** | MosArt Semiconductor | | **Core Type** | 8-bit Microcontroller (8051 compatible) | | **Operating Voltage** | 2.2V to 3.6V | | **Connectivity** | USB 1.1 / USB 2.0 (Low Speed) | | **Internal Memory** | Built-in OTP (One-Time Programmable) or Mask ROM | | **Package Type** | SSOP-20 / SSOP-24 | --- ### 2. Functional Components The "Electronic Parts" within the chip's architecture include several critical subsystems: * **USB Engine:** Integrated USB transceiver and serial interface engine (SIE). It handles the communication protocol between the mouse/keyboard receiver and the PC. * **ADC (Analog-to-Digital Converter):** Used to translate analog signals from optical sensors (in mice) or battery voltage levels into digital data. * **Clock Generator:** Includes an internal RC oscillator to reduce the need for external crystals, saving board space and cost. * **Power Management Unit (PMU):** Features low-power sleep modes and wake-up functions, which are essential for extending battery life in wireless devices. * **GPIO Pins:** General Purpose Input/Output pins used for reading button clicks, scroll wheel encoders, and controlling LEDs. --- ### 3. Common Applications The MA66FBA-R is a "bridge" chip, typically found in: 1. **Wireless Mouse Dongles:** It acts as the receiver that plugs into the USB port. 2. **Wireless Keyboards:** Manages the matrix scanning and data transmission. 3. **Combo Receivers:** Managing both mouse and keyboard inputs simultaneously over a single USB connection. --- ### 4. Pin Configuration Example (General) While specific pinouts vary by package, the following are standard connections: ```markdown - VDD/VSS: Power supply and Ground. - D+ / D-: USB differential data lines. - X1 / X2: Connections for an external crystal (if internal RC is not used). - P0.x - P3.x: I/O ports for buttons or sensor data. ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MA66FBA-R and its successor models?
    • ⤷ Can the MA66FBA-R be reprogrammed after manufacturing?
    • ⤷ Which optical sensors are most compatible with this MosArt controller?