データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA66TBA-R

  • AI
    The **MA66TBA-R** is a specialized electronic component, typically categorized as a **Complementary Metal-Oxide-Semiconductor (CMOS) IC** designed specifically for melody generation. It is widely used in toys, musical greeting cards, and notification buzzers. --- ## 1. Core Specifications The MA66 series is known for its low power consumption and simple integration. Below are the typical technical parameters for the MA66TBA-R variant: | Parameter | Value / Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 1.5V to 4.5V | | **Standby Current** | < 1µA | | **Operating Current** | 0.1mA to 0.5mA | | **Output Type** | PWM / Direct Drive for Piezo or NPN Transistor | | **Package Type** | TO-92 (Standard) or COB (Chip on Board) | | **Melody Content** | "Birthday Song" / "Happy Birthday" | --- ## 2. Pin Configuration When housed in a standard **TO-92** package, the pinout is generally as follows: 1. **VSS (GND):** The negative power supply terminal. 2. **VDD:** The positive power supply terminal. 3. **OUT:** The melody signal output pin. --- ## 3. Key Electronic Features ### A. Integrated Oscillator The chip contains an internal RC oscillator. This eliminates the need for external quartz crystals or resonators, reducing the overall Bill of Materials (BOM) cost. ### B. Trigger Modes Most variants in this series support different triggering methods: * **Level Hold:** The melody plays as long as power is applied. * **One-Shot:** A single pulse triggers the entire melody to play once. ### C. Direct Drive Capability The "OUT" pin is designed to drive a **Piezoelectric buzzer** directly. If a dynamic speaker (8Ω) is used, a simple NPN transistor (like the SS8050) is required to amplify the current. --- ## 4. Typical Application Circuit Here is a basic representation of how the MA66TBA-R is integrated into a circuit: ```mermaid graph LR VCC(Positive 3V) --> VDD[Pin 2: VDD] GND(Ground) --> VSS[Pin 1: VSS] OUT[Pin 3: OUT] --> Transistor[NPN Base] Transistor --> Speaker[Speaker/Buzzer] ``` --- ## 5. Summary of Use Cases * **Greeting Cards:** Its thin profile and low voltage make it ideal for button-cell powered cards. * **Toys:** Simple sound effects for dolls or electronic games. * **Alarms:** Low-cost notification sounds for household appliances.
    ✨ Follow-up Questions
    • ⤷ How do I connect an NPN transistor to the MA66TBA-R to drive a louder speaker?
    • ⤷ What are the timing differences between the MA66T and other versions like the MA66L?
    • ⤷ Can this IC be powered by a 9V battery directly?