データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA68FCA-R

  • AI
    The **MA68FCA-R** is an integrated circuit (IC) primarily used as a **USB 2.0 to SATA Bridge Controller**. It is designed to allow storage devices (like HDDs or SSDs) to communicate with computers via the USB interface. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and functional characteristics of the MA68FCA-R: | Feature | Specification | | :--- | :--- | | **Interface (Upstream)** | USB 2.0 High-Speed (480Mbps) / Full-Speed (12Mbps) | | **Interface (Downstream)** | SATA I (1.5Gbps) / SATA II (3.0Gbps) | | **Package Type** | LQFP-48 (Low-profile Quad Flat Package) | | **Operating Voltage** | 3.3V (Core) / 5V (I/O compatibility) | | **Manufacturer** | MosArt Semiconductor | | **Compliance** | USB Mass Storage Class (Bulk-Only Transport) | --- ### 2. Functional Components The MA68FCA-R contains several internal electronic subsystems to manage data flow and power: * **USB Transceiver:** Handles the physical signaling for USB communication, including differential pair management (D+/D-). * **SATA PHY:** The physical layer responsible for converting USB data packets into the high-speed serialized signals required by SATA drives. * **Integrated Voltage Regulator:** Often includes an internal 3.3V to 1.8V regulator to power the internal logic core, reducing the need for external components. * **Clock Generator:** Utilizes an external crystal (typically 12MHz or 30MHz) to synchronize data transfers. * **MCU Core:** A small embedded microprocessor that manages the "handshaking" between the host PC and the storage device. --- ### 3. Application Use Cases This chip is typically found in the following electronic assemblies: 1. **External Hard Drive Enclosures:** Enabling legacy SATA drives to be used as portable USB drives. 2. **Optical Drive Adapters:** Converting internal CD/DVD-ROM SATA drives into external USB devices. 3. **Industrial Embedded Systems:** Used in systems where internal SATA ports are unavailable, but data logging to a disk is required. --- ### 4. Typical Connection Diagram (Simplified) Below is a representation of how the pins are generally assigned: ```markdown [ USB Connector ] <---> [ MA68FCA-R Controller ] <---> [ SATA HDD/SSD ] | | [ 12MHz Crystal ] [ Status LEDs ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the MA68FCA-R during active data transfer?
    • ⤷ Is the MA68FCA-R compatible with modern USB 3.0 ports?
    • ⤷ Which external components are required on a PCB to implement this IC?