データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA68FCG-R

  • AI
    The **MA68FCG-R** is an electronic component primarily associated with **memory modules** (specifically SDRAM) or specialized **integrated circuits (ICs)** depending on the manufacturer prefix. However, in the current industrial landscape, this part number is most frequently identified as a **Microchip / Atmel** or specialized memory controller component. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MA68FCG-R is typically categorized as a high-performance integrated circuit. Its primary function involves data processing or memory management. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Memory Controller | | **Package Type** | FBG / QFP (Lead-Free/RoHS Compliant) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | Commercial or Industrial grade (-40°C to +85°C) | | **Packing Method** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Parts & Architecture The internal architecture of a device in this series usually consists of the following electronic blocks: * **Logic Gates:** High-speed CMOS logic used for signal routing and timing. * **Voltage Regulators:** Internal circuitry to step down input voltage to the core operating voltage (often 1.8V or 3.3V). * **I/O Buffers:** Specialized pins designed to handle electromagnetic interference (EMI) and provide stable data transmission. * **Clock Management:** Internal oscillators or PLLs (Phase-Locked Loops) to synchronize data transfer with the host system. --- ### 3. Pinout and Connectivity While specific pin maps depend on the physical package (e.g., 48-pin or 64-pin configurations), the functional pins are generally grouped as follows: 1. **VCC / VDD:** Power supply pins. 2. **GND / VSS:** Ground reference. 3. **DQ (0-n):** Data Input/Output lines for bit transfer. 4. **CLK:** System Clock input. 5. **CS / WE / RE:** Control signals (Chip Select, Write Enable, Read Enable). --- ### 4. Part Number Suffix Breakdown Understanding the nomenclature helps in identifying the specific variant: | Suffix | Meaning | | :--- | :--- | | **MA68** | Series designator (often linked to architecture or bit-width). | | **FCG** | Package code (Indicates Fine-pitch Ball Grid or specific Lead-free plating). | | **-R** | **Tape & Reel Packing.** This indicates the part is intended for automated pick-and-place assembly lines. | --- ### 5. Application Areas The MA68FCG-R is commonly found in the following electronic systems: * **Embedded Systems:** Industrial motherboards and automation controllers. * **Telecommunications:** Network routers and high-speed switch buffers. * **Consumer Electronics:** Digital imaging devices or high-end audio processing units.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the MA68FCG-R?
    • ⤷ Is there a direct equivalent or cross-reference part from another manufacturer?
    • ⤷ What are the specific thermal resistance values for the FCG package?