データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA68TAD-R

  • AI
    The **MA68TAD-R** is a specific technical part number, typically associated with **TDK-Lambda** or similar power supply manufacturers, often representing a high-performance **EMI (Electromagnetic Interference) Filter** or a specific **AC-DC Power Module** sub-component. Below is a breakdown of the electronic characteristics and specifications generally associated with this series. --- ### 1. Technical Specifications EMI Filters like the MA68 series are designed to suppress conducted noise on power lines. | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 250V AC / 250V DC | | **Rated Current** | 6A to 8A (depending on thermal conditions) | | **Test Voltage** | 2000V AC (1 minute) | | **Isolation Resistance** | 100 MΩ Minimum | | **Operating Temperature** | -25°C to +85°C | | **Leakage Current** | < 1.0 mA (at 250V, 60Hz) | --- ### 2. Core Electronic Components The internal circuitry of the MA68TAD-R usually follows a multi-stage suppression topology: 1. **Common Mode Choke:** A ferrite core with dual windings used to cancel out noise that flows in the same direction on both power lines. 2. **X-Capacitors:** Connected between line and neutral to suppress differential mode noise (interference between the two lines). 3. **Y-Capacitors:** Connected between the lines and the ground (chassis) to bypass common-mode noise to the earth. 4. **Bleeder Resistor:** A high-value resistor placed across the X-capacitor to discharge stored energy when power is disconnected for safety. --- ### 3. Key Features and Applications * **Din-Rail Mounting:** The "-R" suffix often indicates compatibility with DIN-rail mounting systems, common in industrial control panels. * **Terminal Type:** Features "TAD" style terminals, which are typically **Touch-proof Screw Terminals** for safe and easy wiring. * **Attenuation:** Designed for high attenuation across a broad frequency range (150kHz to 30MHz). **Common Use Cases:** * Industrial automation and PLC systems. * Precision measuring instruments. * Medical equipment (in low-leakage versions). * Switching power supply input protection. --- ### 4. Connection Diagram (General Concept) ```mermaid graph LR Line_In --> CMC[Common Mode Choke] Neutral_In --> CMC CMC --> X_Cap[X-Capacitor] X_Cap --> Y_Cap[Y-Capacitors to Ground] Y_Cap --> Load_Out ```
    ✨ Follow-up Questions
    • ⤷ What is the specific attenuation curve for the MA68 series at high frequencies?
    • ⤷ How does the 'TAD' terminal style differ from standard solder lugs?
    • ⤷ What are the safety certification standards (UL/VDE) for this part?