データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA68TBA-R

  • AI
    The **MA68TBA-R** is an electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is used as a frequency control device in electronic circuits to provide a stable clock signal. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Mercury Electronic** or similar crystal suppliers). Below are the typical technical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Size** | 7.0 x 5.0 mm (standard SMD) | | **Frequency** | 68.000 MHz (indicated by '68') | | **Output Type** | CMOS / TTL | | **Supply Voltage** | 3.3V or 5.0V (depending on sub-series) | | **Tolerance** | ±25ppm to ±50ppm | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Physical Construction and Pins The "TBA" suffix usually refers to the internal architecture and tape/reel packaging. These devices generally have a 4-pad layout: 1. **Pin 1 (OE/NC):** Output Enable (Tri-state) or No Connection. 2. **Pin 2 (GND):** Connected to the system ground. 3. **Pin 3 (Output):** The clock signal output. 4. **Pin 4 (Vdd):** DC Power Supply input. --- ### 3. Key Electronic Functions * **Piezoelectric Effect:** The internal quartz crystal vibrates at a specific frequency (68 MHz) when an electric field is applied. * **Signal Stabilization:** It provides a much more stable frequency than standard LC or RC circuits, which is critical for digital synchronization. * **Tri-state Function:** If the OE (Output Enable) pin is present, the oscillator can be "turned off" logically without cutting power, allowing for power saving in portable devices. --- ### 4. Common Applications * **Microcontrollers:** Serving as the external clock source for high-speed MCUs. * **Networking:** Used in Ethernet switches or routers for timing data packets. * **Embedded Systems:** Industrial automation controllers requiring precise timing.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the MA68TBA-R package?
    • ⤷ How do I test if this crystal oscillator is functioning correctly on a PCB?
    • ⤷ What is the difference between a crystal and a crystal oscillator like the MA68TBA-R?