AI

The **MA6L1TAA-R** is a specific part number belonging to the **MA series** of **LED Indicator Lamps**, typically manufactured by companies like **IDEC**. These components are widely used in industrial control panels for visual signaling and status monitoring.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics for this part:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | LED Indicator Light (Pilot Light) |
| **Shape** | Round (L-Series) |
| **Mounting Hole Size** | 6mm (Miniature series) |
| **Operating Voltage** | Typically 24V DC (Standard for TAA suffix) |
| **Illumination Color** | Amber / Orange |
| **Termination Style** | Solder Terminal |
| **Degree of Protection** | IP65 (Water/Dust resistant) |
---
### 2. Breakdown of the Part Number
Industrial components often use "smart" part numbers where each character represents a specific attribute:
* **MA**: Refers to the series (Miniature 6mm series).
* **6L**: Indicates the size and style (6mm diameter, LED type).
* **1**: Usually represents the lens shape (Round).
* **T**: Indicates the terminal type (Solder/Tab).
* **AA**: Often denotes the color and voltage configuration (Amber color, 24V).
* **R**: Generally indicates compliance or a specific revision/packaging (e.g., RoHS compliant).
---
### 3. Key Electronic Features
* **Built-in Current Limiting Resistor:** Unlike standalone LEDs, this unit is designed to be connected directly to its rated voltage (e.g., 24V) without needing external resistors.
* **Polarity Sensitivity:** Since it uses an LED, the terminals are polarized. Correct connection of the positive and negative leads is required for operation.
* **Low Power Consumption:** Compared to traditional incandescent pilot lights, these draw very little current (typically <20mA), reducing the load on the power supply.
* **Longevity:** Rated for thousands of hours of continuous operation, making them ideal for "Always On" status indicators.
---
### 4. Typical Applications
1. **Status Indication:** Used on compact control interfaces to show if a machine is "On," "In Standby," or "Faulted."
2. **Instrumentation:** Integration into medical or scientific testing equipment where space is limited.
3. **Circuit Boards:** Mounted on panels to provide diagnostic feedback for internal power rails.
- ⤷
What are the alternative voltage ratings available for the MA6 series?
- ⤷ Does this component require a specific mounting torque for its IP65 rating?
- ⤷ Are there different lens shapes available for this 6mm indicator?