MA6L1TAD-R
AI

The **MA6L1TAD-R** is a specific model of an **Industrial LED Signal Tower (Stack Light)**, commonly manufactured by companies like **Menics**. These devices are critical in industrial automation to provide visual and audible status indications for machinery.
Below is a detailed breakdown of its electronic components, specifications, and wiring.
---
## 1. Part Number Breakdown
Understanding the nomenclature helps identify the electronic features of this specific unit:
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **MA6** | Series | 60mm Diameter Signal Tower |
| **L** | Light Source | **LED** (High intensity, low power consumption) |
| **1** | Tiers | **1 Light Tier** (Single color module) |
| **T** | Function | **Terminal Connection** (Screw terminals instead of lead wires) |
| **AD** | Power Input | **90V to 240V AC** (Universal AC power) |
| **R** | Color | **Red** |
---
## 2. Key Electronic Specifications
The internal electronics are designed for rugged industrial environments, focusing on longevity and safety.
### Electrical Characteristics
* **Operating Voltage:** 90V – 240V AC (50/60Hz).
* **Current Consumption:** Approximately 30mA to 50mA.
* **Light Source:** Multi-chip LED array for 360-degree visibility.
* **Flash Rate:** Usually fixed at ~60 to 80 flashes per minute (if the "Flash" function is enabled via wiring).
### Physical & Environmental
* **Protection Rating:** IP65 (Dust-tight and protected against water jets).
* **Connection Type:** Internal terminal block located in the base.
* **Mounting:** Direct mount or pole mount options.
---
## 3. Internal Component Analysis
The MA6L1TAD-R consists of several integrated electronic sub-assemblies:
### A. LED Driver Board
Since the unit operates on high-voltage AC (up to 240V), it contains an internal **AC-DC Rectifier and Buck Converter**. This steps down the voltage to a safe DC level (usually 12V or 24V) to drive the LED chips without overheating.
### B. Prism-Cut Lens
The red lens is not just a cover; it is "prism-cut." This electronic-optical design ensures that the light from the LEDs is refracted evenly, eliminating "blind spots" and ensuring the light is visible even in bright factory lighting.
### C. Terminal Block (The "T" Feature)
Unlike cheaper models with dangling wires, the "T" version features a **PCB-mounted terminal block**. This allows for:
* Easier maintenance (cables can be swapped without replacing the light).
* Secure screw-down connections that resist industrial vibration.
---
## 4. Typical Wiring Diagram (Terminal Based)
The electronic interface usually consists of a common line and a signal line.
| Terminal Label | Function | Description |
| :--- | :--- | :--- |
| **L / N** | Power Input | Main AC Power Supply (Neutral and Live) |
| **Red** | Signal Input | When energized, the Red LED illuminates. |
| **Com** | Common | The return path for the signal logic. |
---
- ⤷
Does this model support an audible buzzer/alarm in addition to the red light?
- ⤷ What are the mounting hole dimensions for the MA6 series base?
- ⤷ Can this unit be converted to a flashing mode via external PLC wiring?