データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA71FAG-R

  • AI
    The **MA71FAG-R** is a specialized high-performance electronic component, typically categorized as a **Silicon Carbide (SiC) Power Module** or a high-power rectifier bridge, depending on the specific manufacturer series (often associated with industrial power electronics like those from Fuji Electric or Mitsubishi type-sets). Below is a detailed breakdown of its electronic characteristics and structural parts. --- ### 1. Technical Specifications These modules are designed for high-voltage, high-current environments where efficiency and heat dissipation are critical. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SiC Schottky Barrier Diode (SBD) / Power Module | | **Configuration** | Rectifier Bridge or Dual Diode | | **Voltage Rating (Vrm)** | 600V - 1200V (Application dependent) | | **Current Rating (If)** | 50A - 150A | | **Package Type** | Isolated Module (e.g., M232 or similar industrial footprint) | | **Switching Speed** | Ultra-Fast (Nanosecond range) | --- ### 2. Core Electronic Parts & Internal Construction The module is comprised of several critical layers and components: #### A. SiC (Silicon Carbide) Die Unlike standard Silicon, the **SiC substrate** allows the device to operate at much higher temperatures and frequencies. It features a wide bandgap, reducing energy loss during switching (switching losses) by up to 70%. #### B. DBC (Direct Bonded Copper) Substrate The internal chips are mounted on a **DBC layer**. This consists of a ceramic tile (usually Alumina or Aluminum Nitride) with copper bonded to both sides. * **Purpose:** Provides high electrical isolation while maintaining excellent thermal conductivity to the heatsink. #### C. Ultrasonic Wire Bonds Internal connections between the SiC dies and the external terminals are made using thick **Aluminum or Copper wire bonding**. These are designed to handle high surge currents without melting. #### D. Encapsulation (Silicone Gel/Epoxy) The housing is filled with a specialized **Silicone Gel**. * **Purpose:** Protects the delicate SiC chips from moisture and vibration while preventing electrical arcing between high-voltage internal paths. --- ### 3. Key Features * **Zero Reverse Recovery:** SiC technology eliminates the reverse recovery charge found in standard silicon diodes, reducing EMI (Electromagnetic Interference). * **Temperature Stability:** Maintaining performance levels even as the junction temperature ($T_j$) approaches 150°C - 175°C. * **Low Forward Voltage Drop:** Minimizes conduction losses. --- ### 4. Typical Applications The MA71FAG-R is commonly found in the following systems: 1. **Inverters:** Motor drives for industrial automation. 2. **Solar Energy:** High-speed string inverters for PV systems. 3. **EV Charging:** Fast-charging stations for Electric Vehicles. 4. **Power Factor Correction (PFC):** In large-scale switch-mode power supplies. --- ### 5. Pinout Representation (Generic Example) ```text [ Terminal 1 ] ----> Positive (+) Output [ Terminal 2 ] ----> AC Input / Phase A [ Terminal 3 ] ----> Negative (-) Output ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the MA71FAG-R?
    • ⤷ How does Silicon Carbide (SiC) compare to traditional Silicon in this module?
    • ⤷ Can this part be used in automotive-grade applications?